Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFPO51PSALF Datasheet(PDF) 2 Page - Rakon Limited

Part # RFPO51PSALF
Description  IC OCXO | MERCURY ™ MINIATURE SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

RFPO51PSALF Datasheet(HTML) 2 Page - Rakon Limited

  RFPO51PSALF Datasheet HTML 1Page - Rakon Limited RFPO51PSALF Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IC OCXO
| MERCURY ™ MINIATURE SERIES
www.rakon.com
sales@rakon.com
Page 2 of 2
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Oscillator output – HCMOS
Output voltage level high (VOH)
Output voltage level high (VOL)
Duty cycle
Rise and fall times
Load
90% Vcc
45
0
15
10% Vcc
55
4
30
V
V
%
ns
pF
At 50% level
10 to 90%
SSB Phase Noise
(Typical Value at 25°C)
Model Outline and
Recommended Pad Layout
Model Code Builder



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com