Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KB847 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB847
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB847 Datasheet(HTML) 1 Page - Kingbright Corporation

  KB847 Datasheet HTML 1Page - Kingbright Corporation KB847 Datasheet HTML 2Page - Kingbright Corporation KB847 Datasheet HTML 3Page - Kingbright Corporation KB847 Datasheet HTML 4Page - Kingbright Corporation KB847 Datasheet HTML 5Page - Kingbright Corporation KB847 Datasheet HTML 6Page - Kingbright Corporation KB847 Datasheet HTML 7Page - Kingbright Corporation KB847 Datasheet HTML 8Page - Kingbright Corporation KB847 Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPEC NO: DSAD1552
REV NO: V.7
DATE: NOV/212005
PAGE: 1 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000027
PHOTOCOUPLER
P/N: KB847
GENERAL PURPOSE
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
PHOTOCOUPLER SERIES
FEATURES
1.High isolation voltage between input and output (Viso=5000 Vrms).
2.Compact dual-in-line package
KB847:4-channel type
3.Recognized by UL and CUL, file NO.E225308.
4.Approved by VDE 0884 Teil2(NO:40006364)
(Creepage distance between input and output:7mm or more).
5.RoHS Compliant.
DESCRIPTION
1.The KB847 (4-channel) is optically coupled isolators containing a GaAS light emitting diode and
an NPN silicon phototransistor.
2.The lead pitch is 2.54mm.
3.Solid insulation thickness between emitting diode and output phototransistor:>=0.6mm.
APPLICATIONS
1.Computer terminals.
2.Registers,copiers,automatic vending machines.
3.System appliances, measuring instruments.
4.Programmable logic controller.
5.Signal transmission between circuits of different potentials and impedances.


Similar Part No. - KB847

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB847-B KINGBRIGHT-KB847-B Datasheet
221Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - KB847

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB827-B KINGBRIGHT-KB827-B Datasheet
217Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB817 KINGBRIGHT-KB817 Datasheet
213Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB817-B KINGBRIGHT-KB817-B Datasheet
221Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
logo
Sharp Corporation
PC714V SHARP-PC714V Datasheet
395Kb / 4P
High Isolation Voltage Type, General Purpose Photocoupler
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB847-B KINGBRIGHT-KB847-B Datasheet
221Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB837-B KINGBRIGHT-KB837-B Datasheet
222Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com