Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC610LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC610LP4E
Description  70 dB RMS POWER DETECTOR, DC - 3.9 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC610LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC610LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC610LP4E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
8
8 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC610LP4 / 610LP4E
v02.0607
70 dB RMS POWER
DETECTOR, DC - 3.9 GHz
Pin Number
Function
Description
Interface Schematic
9, 10
COFS
Input high pass filter capacitor. Connect to common
via a capacitor to determine 3 dB point of input
signal high-pass filter.
14
VSET
VSET input. Short this pin to RMSOUT for normal
operation. Use a resistor between RMSOUT and
VSET to increase the logarithmic slope.
15
RMSOUT
Logarithmic output that converts the input power
to a DC level. Short this pin to VSET for normal
operation.
16
IPWR
Ground for proper operation
17
CINT
Connection for ground referenced loop filter
integration capacitor.
19
VTGT
This voltage input changes the logarithmic intercept
point. Use of lower target voltage reduces error for
complex signals with large crest factors. Normally
connected to VREF.
20
VREF
Reference voltage output.
Pin Descriptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com