Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC646LP2E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC646LP2E
Description  GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC646LP2E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC646LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 4Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 5Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 6Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 7Page - Hittite Microwave Corporation HMC646LP2E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9
9 - 376
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Vdd= 5V
Max. CW Input Power
Tx Port
Rx Port
+44.00 dBm
+36.75 dBm
Max Channel Temp.
150 °C
Thermal Resistance
Tx Port
Rx Port
14.75 °C/W
14.75 °C/W
Continuous Dissipated Power
Tx Port
Rx Port
4.4 W
4.4 W
Supply Voltage (Vdd)
+10V Vdc
Control Voltage Range (Vctl)
-0.2 to Vdd + 1.0 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Control Input
Signal Path State
Vctl
Vdd
RFC To Tx
RFC to Rx
0.0
Vdd
OFF
ON
Vdd
Vdd
ON
OFF
Vdd = +3.0V to +8.0V
Control Input Voltage Tolerances are ± 0.2 Vdc.
DC blocking capacitors are required at ports RFC, Tx and Rx.
Truth Table
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC646LP2
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
646
XXX
HMC646LP2E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
646
XXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 3-Digit lot number XXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
v01.0707
HMC646LP2 / 646LP2E
GaAs MMIC 40W FAILSAFE
SWITCH, 0.1 - 2.1 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com