Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA1154 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1154
Description  SPEED REGULATOR FOR DC MOTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1154 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1154 Datasheet HTML 1Page - STMicroelectronics TDA1154 Datasheet HTML 2Page - STMicroelectronics TDA1154 Datasheet HTML 3Page - STMicroelectronics TDA1154 Datasheet HTML 4Page - STMicroelectronics TDA1154 Datasheet HTML 5Page - STMicroelectronics TDA1154 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(ref)
Reference voltage
VCC = +6V
I(8) = 0.1A
1.15
1.25
1.35
V
∆ V(ref)
V(ref)
/∆ T
Reference voltage
temperature coefficient
VCC = +6V I(8) = 0.1A
Tamb = -20
°C to +70°C
-
0.02
-
%/
°C
∆ V(ref)
V(ref)
/∆ VCC
Line regulator
VCC = +4V to +18V
I(8) = 0.1A
-
0.02
-
%/V
∆ V(ref)
V(ref)
/∆ | (8)
Load regulator
VCC = +6V
l(8) = 25 to 400 mA
-
0.009
-
%/mA
V (5 - 3)
Minimum supply voltage
|
(8)= 0.1A
∆ V(ref)
V(ref)
=−5%
2.5
-
-
V
I(8)
Starting current(*)
∆ V(ref)
V(ref)
=−50%
VCC = +5V
1.2
-
-
A
VCC = +2.5V
0.5
0.8
-
IO (5)
Quiescent current on pin 5
VCC = +6V
I(8) = 100
µA
-
1.7
-
mA
K
K
=
∆|
(8)
∆| (5)
reflection
coefficient
VCC = +6V
I(8) = 0.1A
18
20
22
∆ K
K
/∆ VCC
K spread versus VCC
VCC = +6V to +18V
I(8) = 0.1A
-
0.45
-
%/V
∆ K
K
/∆
|(8)
K spread versus I(8)
VCC = +6V
I(8) = 25 to 400 mA
-
0.005
-
%/mA
∆ K
K
/∆ T
K spread versus temperature
VCC = +6V I(8) = 0.1A
Tamb = +20
°Cto +70°C
-
0.02
-
%/
°C
ELECTRICAL CHARACTERISTICS Tamb = +25
°C (Unless otherwise specified)
(*) An internal protection circuit reduces the current if the temperature of the junction increase: I(8) = 0.75A at Tj = +140
°C
OPERATING MODE
The circuit maintains a 1.2V costant reference volt-
age between pins 5 and 8:
V(5 - 8) = V(ref) = 1.2V
The current (I(5)) drawn by the circuit at pin 5 is
sum of two currents.
One is constant: IO(5) = 1.7mA and the other is
proportional to pin 8 current (I(8)):
I(5) = IO(5) +I(8)K(a)
(IO(5) = 1.7mA, K = 20)
Figure 3
3/6
TDA1154



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com