Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBZ33VC-T Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # MMBZ33VC-T
Description  Low capacitance unidirectional double ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ33VC-T Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  MMBZ33VC-T Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nexperia
MMBZ33VC-T
Low capacitance unidirectional double ESD protection diode
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IPPM
rated peak pulse current tp = 8/20 µs
[1]
-
2.8
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
ESD maximum ratings
IEC 61000-4-2; contact discharge
[2]
-
20
kV
VESD
electrostatic discharge
voltage
IEC 61000-4-2; air discharge
[2]
-
20
kV
[1] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5
[2] Device stressed with ten non-repetitive ESD pulses
t (µs)
0
40
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e-t
100 % IPP; 8 µs
50 % IPP; 20 µs
Fig. 1. 8/20 µs pulse waveform according to
IEC 61000-4-5
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.6 ns to 1 ns
Fig. 2. ESD pulse waveform according to
IEC 61000-4-2
MMBZ33VC-T
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
8 November 2024
3 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com