Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD30VL1BLS-Q Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD30VL1BLS-Q
Description  Extremely low clamping bidirectional ESD protection diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD30VL1BLS-Q Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD30VL1BLS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD30VL1BLS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
PESD30VL1BLS-Q
Extremely low clamping bidirectional ESD protection diode
VCL (V)
70
50
10
60
40
20
0
30
aaa-039966
20
10
30
40
IPP
(A)
0
Transmission Line Pulse (TLP);
tp = 100 ns; tr = 1 ns
Fig. 5. Positive clamping voltage (TLP); typical values
VCL (V)
0
-20
-60
-10
-30
-50
-70
-40
aaa-039967
-20
-30
-10
0
IPP
(A)
-40
Transmission Line Pulse (TLP);
tp = 100 ns; tr = 1 ns
Fig. 6. Negative clamping voltage (TLP); typical values
PESD30VL1BLS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
5 July 2024
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com