Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FR151 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR151
Description  1.5 AMPS. Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR151 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR151 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR151 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 402 -
FR151 THRU FR157
1.5 AMPS. Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
FR
151
FR
152
FR
153
FR
154
FR
155
FR
156
FR
157
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
℃
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
20
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
60
O
C/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - FR151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR151 ZOWIE-FR151 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151 JGD-FR151 Datasheet
136Kb / 2P
1.5 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR151

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR151 JGD-SFR151 Datasheet
138Kb / 2P
1.5 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR151 TSC-FR151_1 Datasheet
242Kb / 2P
1.5 AMPS. Fast Recovery Rectifiers
FR151S TSC-FR151S Datasheet
245Kb / 2P
1.5 AMPS. Fast Recovery Rectifiers
SFR151 TSC-SFR151 Datasheet
66Kb / 2P
1.5 AMPS. Soft Fast Recovery Rectifiers
SFR151 TSC-SFR151_1 Datasheet
240Kb / 2P
1.5 AMPS. Soft Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
RS2A YANGJIE-RS2A Datasheet
752Kb / 2P
1.5 AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
FR151 TSC-FR151_10 Datasheet
533Kb / 2P
1.5 AMPS. Fast Recovery Rectifiers
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
FR151S TSC-FR151S_10 Datasheet
544Kb / 2P
1.5 AMPS. Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR151 LUGUANG-FR151 Datasheet
1Mb / 2P
1.5 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com