Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FRAF802G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FRAF802G
Description  Isolated 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FRAF802G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FRAF802G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FRAF802G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
FRAF801G - FRAF807G
Isolated 8.0 AMPS. Glass Passivated
Fast Recovery Rectifiers
ITO-220AC
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
.043(1.1)
.020(0.5)
.035(0.9)
.055(1.4)
.030(0.76)
.020(0.50)
2
PIN 1
PIN 2
Case Positive
CASE
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, Lead free. Leads
solderable per MIL-STD-202, Method 208
guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260 oC /10 seconds 0.25”,(6.35mm) from
case.
Mounting position: Any
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FRAF
801G
FRAF
802G
FRAF
803G
FRAF
804G
FRAF
805G
FRAF
806G
FRAF
807G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TC = 55
oC
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage @ 8.0A
VF
1.3
V
Maximum DC Reverse Current @ TC=25
oC
at Rated DC Blocking Voltage @ TC=125
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 1 ) TJ=25
oC
Cj
50
pF
Typical Thermal Resistance (Note 3)
RθJC
5.0
oC/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, with Heatsink size 2” x 3” x 0.25” Al-Plate.


Similar Part No. - FRAF802G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRAF802G TSC-FRAF802G Datasheet
82Kb / 2P
Isolation 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRAF802G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA801G TSC-FRA801G Datasheet
54Kb / 2P
8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF801G TSC-FRAF801G Datasheet
82Kb / 2P
Isolation 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G_1 Datasheet
260Kb / 2P
8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G_1 Datasheet
264Kb / 2P
Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF501G TSC-FRF501G_1 Datasheet
333Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G_1 Datasheet
333Kb / 2P
Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFAF801G TSC-SFAF801G_1 Datasheet
275Kb / 2P
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
FRA801G SSC-FRA801G Datasheet
178Kb / 3P
8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
SFAF801G TSC-SFAF801G_10 Datasheet
648Kb / 2P
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
FRA801G TSC-FRA801G_10 Datasheet
47Kb / 2P
8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com