Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WT2575M Datasheet(PDF) 3 Page - Weitron Technology

Part # WT2575M
Description  2A Step-down Voltage Regulator Power Converter 52kHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT2575M Datasheet(HTML) 3 Page - Weitron Technology

  WT2575M Datasheet HTML 1Page - Weitron Technology WT2575M Datasheet HTML 2Page - Weitron Technology WT2575M Datasheet HTML 3Page - Weitron Technology WT2575M Datasheet HTML 4Page - Weitron Technology WT2575M Datasheet HTML 5Page - Weitron Technology WT2575M Datasheet HTML 6Page - Weitron Technology WT2575M Datasheet HTML 7Page - Weitron Technology WT2575M Datasheet HTML 8Page - Weitron Technology WT2575M Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WEITRON
http://www.weitron.com.tw
WT2575M
3/11
28-Aug-06
Block Diagram
Typical Application
Pin Functions:
+VIN —This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor
must be present at this pin to minimize voltage transients and to supply the switching currents needed by
the regulator.
Ground —Circuit ground.
Output —Internal switch, the voltage at this pin switches between (+VIN VSAT) and approximately -0.5V.
To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be
kept to a minimum.
FeedBack —Senses the regulated output voltage to complete the feedback loop.
—Allows the switching regulator circuit to be shut down using logic level signals. Pulling this pin below a
threshold voltage of approximately 1.5V turns the regulator on, and
shutdown feature is not needed, the
pin can be wired to the ground pin or it can be left open,
in either case the regulator will be in the ON condition.
3.3V R2 = 1.7K
5V, R2 = 3.1K
For ADJ Version R1 = Open, R2 = 0
WT2575M
7V - 40V
Unregulated
DC Input
+VIN
GND
L1
Output
Feedback
100μH
ON/ OFF
+
COUT
680μF
CIN
+
100μF
D1
1N5822
+5V
Regulated
Output
2A Load
Low Noise APPLICATIONS
WT2575M
7V - 40V
Unregulated
DC Input
+VIN
1
GND
3
5~8
2
4
L1
Output
Feedback
47μH
ON/ OFF
+
COUT
220μF
CIN
+
100μF
D1
1N5822
+5V
Regulated
Output
2A Load
L1
0.47μH
+
COUT
220μF
+
1.23V
Band-Gap
Reference
52kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
Feed-
back
VIN
+
-
+
-
Fixed Gain
Error AMP
Comparator
Driver
3 AMP
Switch
Internal
Regulator
ON/OFF
ON/OFF
Output
L1
D1
GND
Cout
+
L
O
A
D
Unregulated
DC Input
CIN
R2
1.0K
R1
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com