Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7020TRA-48-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7020TRA-48-R
Description  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7020TRA-48-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7020TRA-48-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7020TRA-48-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7020R Series | Technical Speci cations
Speci cations
7020SR-32C2
7020SR-24C2
7020SRG-24C2E
7020TR-48
7020TRA-48
Ports
32 x 10G SFP+
2 x 100G QSFP100
24 x 10G SFP+
2 x 100G QSFP100
24 x 10G SFP+
2 x 100G QSFP100
48 x100/1000 Mb
RJ-45
6 x 1/10GbE SFP+
48 x100/1000 Mb
RJ-45
6 x 1/10GbE SFP+
100/1000BASE-T (RJ45) Ports
—
—
—
48
48
1/10GbE SFP/SFP+ Ports
32
24
24
6
6
Max 25GbE Ports
8
8
8
—
—
Max 40GbE Ports
2
2
2
—
—
Max 100GbE Ports
2
2
2
—
—
Throughput
1.04 Tbps
880 Gbps
880 Gbps
216 Gbps
216 Gbps
Packets/Second
300 Mpps
300 Mpps
300 Mpps
162 Mpps
162 Mpps
Latency (RJ45/SFP-uplinks)
From 3.8 microseconds
CPU
Dual-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
8 Gigabytes
8 Gigabytes
8 Gigabytes
8 Gigabytes
8 Gigabytes
Flash Storage Memory
8 Gigabytes
4 Gigabytes
4 Gigabytes
4 Gigabytes
4 Gigabytes
Packet Bu er Memory
3 Gigabytes
3 Gigabytes
3 Gigabytes
3 Gigabytes
3 Gigabytes
100/1000 Mgmt Ports
1
1
1
1
1
RS-232 Serial Ports
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
USB Ports
1
1
1
2
2
Hot-swap Power
2 (1+1 redundant)
Hot-swappable Fans
2 (N+1)
3 (N+1)
3 (N+1)
4 (N+1 redundant)
4 (N+1 redundant)
Reversible Air ow
Yes
Typical Power Draw 1
160W
95W
95W
105W
115W
Max Power Draw
189W
105W
105W
115W
125W
Size (WxHxD)
17.3 x 1.71 x 13.6”
(43.9 x 4.34 x 34.7cm)
17.3 x 1.71 x 15.8”
(43.9 x 4.34 x 40.1cm)
17.3 x 1.71 x 15.8”
(43.9 x 4.34 x 40.1cm)
17.3 x 1.71 x 15.8”
(43.9 x 4.34 x 40.1cm)
17.3 x 1.71 x 15.8”
(43.9 x 4.34 x 40.1cm)
Weight
14.4 lbs (6.4kg)
16.5 lbs (7.5kg)
16.5 lbs (7.5kg)
17 lbs (7.71kg)
17 lbs (7.71kg)
Fans
FAN-7001C-F/R
FAN-7000-F/R
FAN-7000-F/R
FAN-7000-F/R
FAN-7000-F/R
Power Supplies
PWR-400AC
PWR-400-DC
PWR-500AC
PWR-500-DC
PWR-500AC
PWR-500-DC
PWR-500AC
PWR-500-DC
PWR-500AC
PWR-500-DC
AlgoMatch
No
No
No
No
Yes
Accelerated sFlow
No
Yes
Yes
Yes
Yes
IPSec
No
No
Yes
No
No
EOS Feature Licenses
Group 1
Group 1
Group 1
LIC-FIX-G-E, LIC-FIX-G-V2, LIC-FIX-G-FLX,
LIC-FIX-G-FLX-L
Minimum EOS
4.21.5
4.21.0
4.22.0
4.18.3
4.19.1
1. Typical power consumption measured at 25C ambient with 50% load
E. Product is subject to an End of Sale notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com