Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7050CX3M-32S-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7050CX3M-32S-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050CX3M-32S-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7050CX3M-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
The Arista 7050CX3M are members of the Arista 7050X series and key components
of the Arista portfolio of data center switches. The 7050X3 MACsec systems are high
performance systems with built-in wire speed MACsec encryption for the needs of
next generation datacenters. The adoption of high performance servers using
virtualization and containers with increasingly higher bandwidth is accelerating the
need for dense 25 and 100G Ethernet switching in both the leaf and spine tiers of
modern networks. The Arista 7050X3 Series are high performance exible data
center switches with a rich set of wire speed L2 and L3 features combined with
extensive automation and programmability capabilities, low latency and consistent
features for software driven cloud networking.
The 7050CX3M built-in MACsec capability removes the need for external encryption
devices and provides security against intrusion, passive wire tapping and other
playback attacks. MACsec encryption meets regulatory compliance requirements
and provides data protection without loss of performance.
The Arista MACsec solution utilizes proven encryption technology to protect tra c
for simple, reliable and scalable data center interconnect and for securing links
between tiers in leaf and spine data center designs. MACsec o ers security in the
data link layer and is transparent and non-disruptive to L2/L3 tra c. Flexible 100GbE
and 40GbE QSFP pluggable optics ensures a broad choice of cost e ective
connections.
Combining high density and industry leading power e ciency with typical power
consumption under 10W per 100GbE port the 7050CX3M-32S is ideal for both high
performance leaf or collapsed spine tiers with air ow choices for back to front, or
front to back. The 7050CX3M Series o er exible forwarding tables with a Uni ed
Forwarding Table, latency from 800ns and a fully shared packet bu er of up to 32MB
for superior burst absorption. Comprehensive support for a wide range of interface
speeds including 10G, 25G, 40G, 50G and 100G combined with Arista EOS ensures
the 7050CX3M delivers the exibility and features for big data, cloud, virtualized and
traditional network designs and accommodates the myriad di erent applications
and east-west tra c patterns found in modern data centers.
7050X3 MACsec Data Center Switches
Data Sheet
Product Highlights
Performance
• 7050CX3M-32S: 32x QSFP100
• Flexible 40G and 100G support
• Quad 10GbE and 25GbE support
• Up to 6.4 terabits per second
• Up to 2 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 800ns
Wire-speed Encryption
• IEEE 802.1AE MACsec encryption
• Wire speed encryption on all ports
• Optimized for secure DCI and site-site
encryption in a compact footprint
Data Center Optimized Design
• 32 QSFP100 ports in 1RU with under 10W
per port typical
• Over 94% e cient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Data center optimized air ow
• Tool less rails for simple installation
Cloud Networking Ready
• VXLAN and VM Tracer
• OpenFlow, DirectFlow and eAPI
• 288K MAC entries
• 360K IPv4 Routes
• 168K IPv4 Host Routes
• 32MB integrated intelligent bu er with
dynamic bu er allocation
Resilient Control Plane
• High Performance x86 CPU
• 8GB DRAM
• User applications can run in a VM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• sFlow
• Self-con gure and recover from USB
• Tra c aware ECMP and UCMP
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++,
GO, Opencon g
Arista EOS
The Arista 7050CX3M series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7050X3 Series MACsec Switches: 7050CX3M-32S


Similar Part No. - DCS-7050CX3M-32S-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7050CX3M-32S ARISTA-DCS-7050CX3M-32S Datasheet
3Mb / 56P
7050 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - DCS-7050CX3M-32S-R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com