Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

720D Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # 720D
Description  720D Series Ethernet Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720D Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button 720D Datasheet HTML 9Page - Arista Networks, Inc 720D Datasheet HTML 10Page - Arista Networks, Inc 720D Datasheet HTML 11Page - Arista Networks, Inc 720D Datasheet HTML 12Page - Arista Networks, Inc 720D Datasheet HTML 13Page - Arista Networks, Inc 720D Datasheet HTML 14Page - Arista Networks, Inc 720D Datasheet HTML 15Page - Arista Networks, Inc 720D Datasheet HTML 16Page - Arista Networks, Inc 720D Datasheet HTML 17Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Chapter
2
Preparation
This section describes the initial set up and preparation for installing the switch.
The following topics are covered in this section:
•
Site Selection
•
Tools and Parts Required for Installation
•
Electrostatic Discharge (ESD) Precautions
2.1
Site Selection
The following criteria should be considered when selecting a site to install the switch:
•
Temperature and Ventilation: For proper ventilation, install the switch with ample airflow to the front and
back of the switch.
Important: To prevent the switch from overheating, do not operate it in an area where the ambient
temperature exceeds 40°C (104°F).
Pour empêcher l'interrupteur de surchauffe, ne pas utiliser il dans une zone où la température
ambiante est supérieure à 40°C (104°F).
•
Airflow Orientation: The fans and PSUs determine the airflow direction through the switch. The color of
the visible handles or labels indicates the airflow direction.
Orient the switch so that airflow flows from the cooler to the hotter aisle. If the airflow direction is not
compatible with the installation site, reorient the fan modules to circulate air in the opposite direction.
•
Rack Space: Install the switch in a 19" rack or cabinet. The switch height is 1 RU. The accessory kit
provides mounting brackets for two-post racks.
When mounting the switch in a partially filled rack, load the rack from bottom to top, with the heaviest
equipment at the bottom. Load the switch at the bottom if it is the only item in the rack.
•
Power Requirements: Power requirements vary by switch and power supply model. Refer to
Specifications for information regarding your specific device.
Important: The power input plug-socket combination must be always accessible; it provides the
primary method of disconnecting power from the system.
La combinaison de la puissance-prise d'entrée doit être accessible en tout temps; Il fournit le
principal moyen de coupure d'alimentation du système.
Important: All power connections must be removed to de-energize the unit.
Toutes les connexions d'alimentation doivent être enlevées pour hors tension l'appareil.
•
Other Requirements: Select a site where liquids or objects cannot fall onto the equipment and foreign
objects are not drawn into the ventilation holes. Verify that the following guidelines are met:
•
Clearance areas to the front and rear panels allow for unrestricted cabling.
•
All front and rear panel indicators are visualizable.
•
Power cords can reach from the power outlet to the connector on the rear panel.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com