Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7050SX3-96YC8-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7050SX3-96YC8-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050SX3-96YC8-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7050SX3-96YC8-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050SX3-96YC8-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Arista 7050CX3-32S and
7050CX3-32C : 

32x 100G QSFP100 ports, 2 SFP+
ports
7050X3 Series | Model Overview
The Arista 7050SX3-48YC12 is a 1RU system with 48 ports of 25GbE SFP and 12 ports of 100GbE QSFP100 with an overall
throughput of 4.8 Tbps. The high density SFP ports can be configured in groups of 4 to run either at 25G or a mix of 10G/1G speeds.
The QSFP ports allow for a choice of 5 speeds including 100GbE, 40GbE, 4x10GbE, 4x25GbE or 2x 50GbE with a wide choice of
transceivers and cables enabling a choice of combinations for both leaf and spine deployment. With low latency and no
oversubscription, the switch is optimized for high performance server and storage deployments.
Model Overview
The Arista 7050X3 series come in different configurations. Each delivers high performance combined with feature rich layer 2 and layer
3 forwarding, suited for both top of rack leaf, or fixed configuration spines.
Arista 7050SX3-48YC8 and
7050SX3-48YC8C : 

48x 25G SFP and 8x 100G QSFP ports
The Arista 7050SX3-48YC8 and the 7050SX3-48YC8C are 1RU systems with 48 ports of 25G SFP and 8 ports of 100G QSFP100 with an
overall throughput of 4 Tbps. The high density SFP ports can be configured to run either at 25G or a mix of 10G/1G speeds. The QSFP
ports allow for 100GbE or 40GbE as high speed network uplinks, with a wide choice of transceivers and cables enabling a choice of
combinations for both leaf and spine deployment. With low latency and no oversubscription, the switch is optimized for high
performance server and storage deployments.
The 7050CX3-32S and the 7050CX3-32C are 1RU systems with 32 100G QSFP100 ports offering wire speed throughput of up to 6.4
Tbps bi-directional. Each QSFP port supports a choice of 5 speeds with flexible configuration between 100GbE, 40GbE, 4x10GbE,
4x25GbE or 2x50GbE modes for up to 128 ports of 10GbE and 25GbE or 64 ports of 50GbE. All ports can operate in any supported
mode without limitation, allowing easy migration from lower speeds and the flexibility for leaf or spine deployment.
The Arista 7050SX3-24YC4C is a 1RU system that has 24 ports of 25G SFP and 4 ports of 100G QSFP100. The high density SFP ports can
be configured to run either at 25G or a mix of 10G/1G speeds. The QSFP ports allow for 100GbE or 40GbE as high speed network uplinks,
with a wide choice of transceivers and cables enabling a choice of combinations for both leaf and spine deployment. With low latency
and no oversubscription, the switch is optimized for high performance server and storage deployments.
Arista 7050SX3-24YC4C : 

24x 25G SFP and 4x 100G QSFP ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com