Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7050SPX4-48D8-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7050SPX4-48D8-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050SPX4-48D8-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7050SPX4-48D8-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050SPX4-48D8-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
7050X4 Series | Features
Dynamic Bu er Allocation
In cut-through mode, the Arista 7050X4 switches forward packets with a consistent low latency of 900 nanoseconds. Upon congestion,
the packets are bu ered in an intelligent fully shared packet memory that has a total size of up to 132MB for superior burst absorption.
Unlike other architectures that have xed per-port packet memory, the 7050X4 Series use dynamic thresholds to allocate packet
memory based on tra c class, queue depth and quality of service policy ensuring a fair allocation to all ports of both lossy and lossless
classes. Bu er utilization, occupancy and thresholds are all visible with Arista LANZ and can be exported to monitoring tools to identify
hotspots and measure latency at the device and end to end.
Software Driven Cloud Networking
Arista Software Driven Cloud Networking (SDCN), combines the principles that have made cloud computing the unstoppable force
that it is: automation, self service provisioning, and linear scaling of both performance and economics coupled with the trend in
Software De ned Networking that delivers: network virtualization, custom programmability, simpli ed architectures, and lower capital
expenditure. This combination creates a best-in-class software foundation for maximizing the value of the network to both the
enterprise and service provider data center. A new architecture for the most mission-critical location within the IT infrastructure that
simpli es management and provisioning, speeds up service delivery, lowers costs and creates opportunities for competitive
di erentiation, while putting control and visibility back in the hands of the network and systems administrators.
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 128-way
without signi cant changes to the architecture. The Arista 7050X4 include enhancements for exible scale-out designs:
• 128-way ECMP and 64-way MLAG to provide scalable designs and balance tra c evenly across large scale 2 tier leaf-spine designs
• Equal and Unequal Cost Multi-Pathing (UCMP) for exible tra c balancing in large scale multi-tier topologies
• Custom hash algorithms for e cient hashing, persistent hashing and custom lookups for tunneled protocols
• Flexible allocation of L2 and L3 forwarding table resources for more design choice
• Wide choice of dense 10G/25G/40G/50G/100G/200G/400G interfaces for multi-speed exibility
• Support for standards based IEEE 50GbE PAM4 for simple and cost e ective migration from 25G and 100G to 50G and 400G
• VXLAN routing, bridging and gateway capability for physical to virtualization communication in next generation data center designs
• DANZ, sFlow and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
• Hitless speed changes from 10G to 400G to eliminate down-time when implementing speed changes
Flexible Forwarding Table
Network scalability is directly impacted by the size of a switches forwarding tables. In many systems a 'one size ts all' approach is
adopted using discrete xed size tables for each of the common types of forwarding entry. The Arista 7050X4 leverage exible
forwarding tables for the L2 MAC, L3 Routing, L3 Host and IP Multicast forwarding entries, which can be exibly allocated per entry
type. The ideal size of each partition varies depending on the network deployment scenario. The exibility of the forwarding table
coupled with the range of pre-de ned pro les available on the 7050X4 ensures optimal resource allocation for all network topologies
and network virtualization technologies.
AI Analyzer *
Traditional software-based tra c counters do not lend themselves to examine AI/ML tra c patterns, which exhibit unique ramp up
behavior in very short intervals of time. The AI Analyzer is a hardware capability that enables the collection of ECMP member utilization
data, aggregated over extremely short periods of time. This allows the Arista 7050X4 series to e ectively analyze the tra c patterns,
with a time interval as granular as 100 microseconds. The results of such an analysis can then be applied to ne tune dynamic load
balancing workloads uniformly across the ECMP member links, which is a key requirement for AI/ML applications.
Smart System Upgrade *
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can a ect large numbers
of devices and cause signi cant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com