Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7130-48G3S-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7130-48G3S-R
Description  7130S Connect Series Layer 1 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130-48G3S-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7130-48G3S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7130-48G3S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7130-48G3S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130-48G3S-R Datasheet HTML 4Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7130S Connect Series | Ordering Information
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2024 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
November 22nd, 2024
04-0041-05
Optional Components and Spares
Product Number
Product Description
FAN-7130-1U-F
Spare fan module for Arista 7130 Series 1U (front-to-rear airflow)
FAN-7130-1U-R
Spare fan module for Arista 7130 Series 1U (rear-to-front airflow)
FAN-7130-2U-F
Spare fan module for Arista 7130 Series 2U (front-to-rear airflow)
FAN-7130-2U-R
Spare fan module for Arista 7130 Series 2U (rear-to-front airflow)
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7130S Switches (front-to-rear airflow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7130S Switches (rear-to-front airflow)
PWR-500-DC-F
Spare 500W DC Power Supply for 7050X, 7280 and 7130S series (front to rear airflow switch)
PWR-500-DC-R
Spare 500W DC Power Supply for 7050X, 7280 and 7130S series (rear to front airflow switch)
PWR-747AC-RED
Spare 750 Watt AC power supply for Arista 7280R and 7130S Switches (front-to-rear airflow)
PWR-747AC-BLUE
Spare 750 Watt AC power supply for Arista 7280R and 7130S Switches (rear-to-front airflow)
PWR-1900-DC-F
Spare 1900W DC power supply for Arista 7130S Series 2U switches (front to rear airflow)
PWR-1900-DC-R
Spare 1900W DC power supply for Arista 7130S Series 2U switches (rear to front airflow)
7130S Connect
Product Number
Product Description
DCS-7130-16G3S-F
Arista 7130 Series G3S Connect 16 Layer-1 Switch, Front-to-rear air, 2xAC
DCS-7130-16G3S-R
Arista 7130 Series G3S Connect 16 Layer-1 Switch, Rear-to-front air, 2xAC
DCS-7130-48G3S-F
Arista 7130 Series G3S Connect 48 Layer-1 Switch Front-to-rear air, 2xAC
DCS-7130-48G3S-R
Arista 7130 Series G3S Connect 48 Layer-1 Switch Rear-to-front air, 2xAC
DCS-7130-96S-F
Arista 7130 Series Connect 96 Layer-1 Switch Front-to-rear air, 2xAC
DCS-7130-96S-R
Arista 7130 Series Connect 96 Layer-1 Switch Rear-to-front air, 2xAC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com