Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAN-7011H-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7135LB Series Layer 1 FPGA Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  FAN-7011H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7135LB Series | Applications
Arista EOS
All Arista products including the 7135LB Series run the same Arista EOS software, simplifying network administration with a single
standard across all switches. Arista EOS is a modular switch operating system with a unique state sharing architecture that cleanly
separates switch state from protocol processing and application logic. Built on top of a standard Linux kernel, all EOS processes run in
their own protected memory space and exchange state through an in-memory database. This state sharing architecture provides the
foundation for self-healing resiliency and enables straightforward third-party development and application integration.
Arista EOS enables advanced monitoring and automation capabilities such as Zero Touch Provisioning, LANZ, and Linux based tools to
be run natively on the switch.
Arista  CloudVision  provides a network-wide approach for workload orchestration, workflow automation and real-time telemetry
enabling companies to manage the network with much fewer human resources. Rapid integration with a wide range of third-party
applications for virtualization, management, automation and orchestration services are equally available.
Platform Architecture
The Xilinx UltraScale+ VU9P-3 FPGA is connected to 48 x SFP28 and 4 x QSFP28 front panel ports through a CLOS network using a series
of 16x16 X-Point switches, providing much lower latency and port scaling. The platform supports existing Arista applications such as
Low Latency Mux or High Precision Timestamping, while allowing the FPGA to be also utilized by the customers for their custom
applications. The FPGA also has three direct connections to the CPU card and four direct connections to 8GB DDR4 memory.
Arista 7135LB-48Y4C System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com