Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PWR-745AC-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # PWR-745AC-R
Description  7170 Series Programmable Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-745AC-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  PWR-745AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
7170 Series | Model Overview
Model Overview
The 7170-64C is a 2RU system with 64 100G QSFP ports offering
wire speed performance with an overall throughput up to 12.8 Tbps.
Each QSFP port is capable of a choice of 100GbE, 40GbE, 4x10GbE,
4x25GbE or 2x50GbE with hitless configuration change between
modes. The 64 QSFP ports can be broken out to a system maximum
of 256 ports allowing for easy transitions and maximum flexibility
enabling deployment as both a leaf and spine. The two integrated
SFP+ ports provide additional high speed connections for
management networks and out of band monitoring.
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 128-way
without significant changes to the architecture. The Arista 7170 include enhancements for flexible scale-out designs:
• 128-way ECMP and 64-way MLAG to provide scalable designs and balance traffic evenly across large scale 2 tier leaf-spine designs
• Equal Cost Multi-Pathing (ECMP) for traffic balancing in large scale multi-tier topologies
• Custom hash algorithms for efficient hashing, persistent hashing and custom lookups for tunneled protocols *
• Flexible allocation of forwarding table resources for more design choice
• Wide choice of dense 10G/25G/40G/100G interfaces for multi-speed flexibility
• VXLAN routing, bridging and gateway capability for physical to virtualization communication in next generation data center designs
• DANZ, sFlow and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
• Hitless speed changes from 10G to 100G to eliminate down-time when implementing speed changes
• AlgoMatch to match business intent to network policy for flow matching, access control and telemetry
• Network Address Translation for network merging, address hiding for security and application scaling
• EOS tools for network wide visibility and monitoring to detect traffic bursts, monitor latency and congestion and allow capacity
planning to improve application performance and availability
High Availability
The Arista 7170 Series were designed for continuous operations
with system wide monitoring of both hardware and software
components,
simple serviceability and provisioning to prevent
single points of failure. Key high availability features include:
• 1+1 hot-swappable power supplies and four hot-swap fans provide
dynamic temperature control combined with N+1 redundancy
• Color coded PSU’s and fans that deliver platinum level power
efficiency
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU) and Accelerated Software Update
(ASU) *
7170 2RU Rear View: Rear to Front and Front to Rear
The 7170-32C and 7170-32CD are 1RU systems with 32 100G
QSFP ports offering wire speed performance with an overall
throughput up to 6.4 Tbps. Each QSFP port is capable of a choice of
100GbE, 40GbE, 4x10GbE, 4x25GbE or 2x50GbE with hitless
configuration change between modes. The 32 QSFP ports can be
broken out to a system maximum of 128 ports allowing for easy
transitions and maximum flexibility enabling deployment as both a
leaf and spine. The two integrated SFP+ ports provide additional
high speed connections for management networks and out of band
monitoring.
Arista 7170-32C: and 7170-32CD
32x 100GbE QSFP100 ports, 2 SFP+ ports
Arista 7170-64C:
64x 100GbE QSFP100 ports, 2 SFP+ ports
7170 1RU Rear View: Rear to Front and Front to Rear
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com