Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS2937CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2937CZ
Description  500mA Ultra Low Dropout Fixed Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2937CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2937
1-6
2003/12 rev. B
TS2937/A
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
Pin assignment:
1.
Input
2.
Ground
3.
Output
Low Dropout Voltage 0.6V max.
General Description
The TS2937/A series of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in battery-power application. Furthermore, the quiescent current
increases on slightly at dropout, which prolongs battery life.
This series of fixed-voltage regulators features very low ground current (100uA Typ.) and very low drop output voltage
(Typ. 60mV at light load and 600mV at 500mA). This includes a tight initial tolerance of 1% (TS2937A) and 2% (TS2937),
extremely good line regulation of 0.05% typ., and very low output temperature coefficient.
This series is offered in 3-pin TO-263, TO-220, TO-252 & SOT-223 package.
Features
Dropout voltage typically 0.6V @Io=500mA
Output current up to 500mA
Output voltage trimmed before assembly
-18V Reverse peak voltage
+30V Input over voltage protection
+60V Transient peak voltage
Internal current limit
Thermal shutdown protection
Block Diagram
Ordering Information
Part No.
Operation Temp.
(Ambient)
Package
TS2937CZxx
TS2937ACZxx
TO-220
TS2937CMxx
TS2937ACMxx
TO-263
TS2937CPxx
TS2937ACPxx
TO-252
TS2937CWxx
TS2937ACWxx
-20 ~ +85
oC
SOT-223
Note: Where xx denotes voltage option, available are
8.0V, 5.0V, 3.3V, 2.5V and 1.8V. Contact factory
for additional voltage options.
Absolute Maximum Rating (Note 1)
Input Supply Voltage (Note 2)
Vin
-18 ~ +60
V
Operation Input Supply Voltage
Vin (operate)
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263 Package
TO-252 / SOT-223 Package
5
4
S


Similar Part No. - TS2937CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ TSC-TS2937CZ Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ TSC-TS2937CZ Datasheet
443Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2937CZ10 TSC-TS2937CZ10 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ12 TSC-TS2937CZ12 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CZ12C0 TSC-TS2937CZ12C0 Datasheet
318Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS2937CZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
500mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com