Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7358X-BND-R Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # DCS-7358X-BND-R
Description  7358X4 Series 100/200/400G Data Center Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7358X-BND-R Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button DCS-7358X-BND-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7358X-BND-R Datasheet HTML 13Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
7358X4 Series | Contact Details
Warranty
The Arista 7358X4 switches comes with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2023 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
Apr 16th, 2024
03-0058-09
DCS-7368-CH
Arista 7368 empty chassis, 1 supervisor slot, 8 module slots
DCS-7358X4-SC-F
7358X Switch Card for 7358 chassis, X4-SC, includes Fans (front to rear air ow)
DCS-7358X4-SC-R
7358X Switch Card for 7358 chassis, X4-SC, includes Fans (rear to front air ow)
CAB-C19-C20
Power cord C19 to C20 (2m)
CAB-C19-L6-20
Power cord C19 to L6-20 (2.5m)
Optional Components and Spares
FAN-7002H-F
Spare high speed fan module for Arista 7358X/7368X switches (front to rear air ow)
FAN-7002H-R
Spare high speed fan module for Arista 7358X/7368X switches (rear to front air ow)
PWR-1900AC-F
Spare 1900 Watt AC power supply for Arista 7358X/7368X Switches (front-to-rear air ow)
PWR-1900AC-R
Spare 1900 Watt AC power supply for Arista 7358X/7368X Switches (rear to front air ow)
PWR-1900-DC-F
Spare 1900W DC Power Supply for 7358X/7368X Switches (front to rear air ow)
PWR-1900-DC-R
Spare 1900W DC Power Supply for 7358X/7368X Switches (rear to front air ow)
DCS-7368-PCVR
Blank Cover for 7358X/7368X Power Supply Slot
DCS-7368-LCVR
Blank cover for 7358X/7368X module slot
KIT-7368
Spare accessory kit for Arista 7358X, 7368X and 7289R Series 4U switches. 4-post mount. (2x C19-C20, 2m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com