Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7304X-BND-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # DCS-7304X-BND-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304X-BND-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button DCS-7304X-BND-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7304X-BND-R Datasheet HTML 12Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Product Number
Product Description
DCS-7300-SUP
Supervisor module for 7300 Series chassis
DCS-7300-SUP-D
Supervisor module for 7300 Series chassis, with SSD
DCS-7300X-64S-LC
Arista 7300X-64S linecard for 7300X Series, 48 port 10GbE SFP+ and 4 port 40GbE QSFP+ (spare)
DCS-7300X-64T-LC
Arista 7300X-64T linecard for 7300X Series, 48 port RJ45 10GBASE-T and 4 port 40GbE QSFP+ (spare)
DCS-7300X-32Q-LC
Arista 7300X-32Q linecard for 7300X Series, 32 port 40GbE QSFP+ (spare)
Optional Components and Spares
DCS-7308-CH
Arista 7308 empty chassis, 2 supervisor slots, 8 linecard slots, 4 fabric module slots
DCS-7304-CH
Arista 7304 empty chassis, 2 supervisor slots, 4 linecard slots, 4 fabric module slots
DCS-7308X-FM-F
Fabric-X (integrated fans) module for 7308 chassis, required for slots 1-4. Front-to-rear air
DCS-7308X-FM-R
Fabric-X (integrated fans) module for 7308 chassis, required for slots 1-4. Rear-to-front air
DCS-7304X-FM-F
Fabric-X (integrated fans) module for 7304 chassis, required for slots 1-4. Front-to-rear air
DCS-7304X-FM-R
Fabric-X (integrated fans) module for 7304 chassis, required for slots 1-4. Rear-to-front air
DCS-7300-LCVR
Blank cover for 7300 linecard slot
DCS-7300-SCVR
Blank cover for 7300 supervisor slot
DCS-7300-PCVR
Blank cover for 7300 power supply slot
KIT-7308
Spare accessory kit for Arista 7308 switches
KIT-7304
Spare accessory kit for Arista 7304 switches
KIT-7308-MMR
Spare Mid Mount Rack Brackets for 7308 switches
KIT-7304-MMR
Spare Mid Mount Rack Brackets for 7304 switches
KIT-7308-4PR
Spare 4 Post Rack Mount Brackets for 7304 and 7308 switches
FAN-7002-F
Spare fan module for Arista 7250 / 7050, 7280R 2RU and 7300 switches (front to rear airflow)
FAN-7002-R
Spare fan module for Arista 7250 / 7050, 7280R 2RU and 7300 switches (rear to front airflow)
PWR-3K-AC-R
Spare 3kW AC Power Supply for 7300 series (rear-to-front airflow switch)
PWR-3KT-AC-RED
Spare 3kW Titanium AC Power Supply for 7300 and 7500N series (red handle)
PWR-3KT-AC-BLUE
Spare 3kW Titanium AC Power Supply for 7300 series (blue handle)
PWR-3K-DC-RED
Spare 3kW DC Power Supply for 7300 and 7500N series (red handle)
PWR-3K-DC-BLUE
Spare 3kW DC Power Supply for 7300 series (blue handle)
7300 Series | Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com