| Electronic Components Datasheet Search |
|
FAN-7002H-R Datasheet(PDF) 2 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
FAN-7002H-R Datasheet(HTML) 2 Page - Arista Networks, Inc |
|
2 / 13 page ![]() 7358X4 Series | Platform Overview Model Overview The Arista 7358X4 is a high performance system that enables up to 32 ports of 400G, 128 ports of 100G, or up to 128 ports of 25G in a compact 4RU system with 8 interface module slots. The 7358X4 delivers 12.8 Tbps of system forwarding and up to 5.3 Bpps with a single high capacity packet processor in a con gurable system. The system is designed for exible con gurations with a choice of interface module cards, ease of maintenance operations for cloud networks, increased network scale and resilience with advanced tra c management and congestion control. The system shares many components with the 7368X4 for simple migration and sparing, including many of the high performance IO modules. The 7358X4 delivers high performance, with a complete enterprise grade feature set, suited for both leaf or spine deployment in modern large scale networks, addressing the challenges of increasing network capacity and e ciency through lower power, enhanced automation and advances in scalability. The 7358X4 is designed around the 7358X4 switch card (7358X4-SC), that is fully connected to 8 I/O module slots delivering 3.2 Tbps of system capacity to each slot. The supervisor module runs Arista Extensible Operating System (EOS) on a quad core CPU with 32GB of memory with the performance to run the control plane and management functions of the system. The removable interface modules provide for mix and match of interface types and density including 25G, 100G, 200G and 400G with each module supporting a range of interface speeds using industry standard optics and cables. Each IO module connects directly to the switch card without adding any oversubscription. All components of the system including the switch card are removable for ease of maintenance and simplifying upgrades. The system supports up to 4 high e ciency AC or DC power supplies, providing su cient power for both current and future needs, with both grid and power supply redundancy and are hot-swappable to eliminate downtime when replacing power supplies. High performance fan modules deliver resilient data center optimized system cooling in both forward and reverse air ow directions. The Arista 7358X4 series switches support port to port latency as low as 900ns in cut-through mode, and a 132 MB packet bu er with a large shared pool allowing for superior burst absorption compared to multi-chip systems or pre-allocated xed per-port bu ering. DCS-7368-4D QSFP-DD - 4 ports of 400G with QSFP-DD optics and cables and the use of existing 100G optics DCS-7368-SUP Supervisor management card - Quad core CPU and 32GB memory for high performance control plane, Ethernet and management ports with optional SSD for storage. DCS-7358-16C QSFP100 - 16 ports of 100G, up to 8 ports of 200G mode (alternate ports) support on all ports. Arista 7358X4 System Front (128 ports of 100G) System Rear (Front to Rear Air ow) DCS-7368-4P OSFP - 4 ports of 400G with OSFP optics and cables, and the use of existing 100G optics and cables. DCS-7368-16S SFP28 - 16 ports of 25G with support for 25G and 10G on all ports. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |