Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7280TR3-40C6-R Datasheet(PDF) 14 Page - Arista Networks, Inc

Part # DCS-7280TR3-40C6-R
Description  7280R3 Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280TR3-40C6-R Datasheet(HTML) 14 Page - Arista Networks, Inc

Back Button DCS-7280TR3-40C6-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7280TR3-40C6-R Datasheet HTML 18Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
7280R3 Series | Technical Specifications
Model Comparison
7280SR3-40YC6
7280SR3E-40YC6-M
Ports
40 x SFP 1/10/25G
6 x QSFP100
40 x SFP 1/10/25G
6 x QSFP100
Max 400G Ports 1
—
—
Max 100G Ports 1
6
6
Max 50G Ports 1
12
12
Max 40G Ports (using QSFP+)1
6
6
Max 25/10G Ports 1
52
52
Max 1G Ports 1
36
36
Max Total Interfaces 2
52
52
Throughput (FDX)
800 (1600) Gbps
800 (1600) Gbps
Packets/Second
600 Mpps
600 Mpps
Latency
From 3.8 us
From 3.8 us
CPU
Quad-Core x86
Quad-Core x86
System Memory
8 Gigabytes
32 Gigabytes
Packet Buffer Memory
2 GB
2 GB
USB Ports
1
Flash Storage Memory
8 GB
SSD Storage
—
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
2 (N+1 redundant)
Airflow Direction
Front to rear and Rear to front
Rack Units
1 U
Size (WxHxD)
17.3 x 1.72 x 18.46 in
(43.99 x 4.37 x 46.9 cm)
Typical/Max Power Draw 3
130 W / 214 W
130 W / 214 W
Weight
21.1 lbs (9.57 kg)
Fan Tray
FAN-7011M
Power Supplies
PWR-511 (AC or DC)
Accelerated sFlow
Yes
Synchronous Ethernet
Inband
EOS Feature Licenses
Group 2
Minimum EOS
4.27.1
4.28.1
1. Maximum port values are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities. Detailed information can be found here.
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain configurations may impose restrictions on which physical ports can be used
3. Typical power consumption measured at 25C ambient with 50% load on all ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com