Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F104AMSPFV Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB95F104AMSPFV
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AMSPFV Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB95F104AMSPFV Datasheet HTML 35Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 36Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 37Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 38Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 39Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 40Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 41Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 42Page - fujitsu semiconductor MB95F104AMSPFV Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
MB95100AM Series
39
(Continued)
(Vcc
= AVcc = 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : P10, P50, P51, and P67 can switch the input level to either the “CMOS input level” or “hysteresis input level”.
The switching of the input level can be set by the input level selection register (ILSR).
*2 : Single clock products only
*3 : Product without clock supervisor only
*4 :
• The power-supply current is determined by the external clock. When the low voltage detection option is
selected, the power-supply current will be a value of adding current consumption of the low voltage detection
circuit (ILVD) to the specified value. Also, when both low voltage detection option and clock supervisor are
selected, the power-supply current will be a value of adding current consumption of the low voltage detection
circuit (ILVD) and current consumption of internal CR oscillator (ICSV) to the specified value.
• Refer to “4. AC Characteristics (1) Clock Timing” for FCH and FCL.
• Refer to “4. AC Characteristics (2) Source Clock/Machine Clock” for FMP and FMPL.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current*4
ICTS
VCC
(External clock
operation)
VCC
= 5.5 V
FCH
= 10 MHz
Timebase timer mode
TA
= + 25 °C
⎯
0.15
1.10
mA
ICCH
VCC
= 5.5 V
Sub stop mode
TA
= + 25 °C
⎯
3.5
20
µA
Main stop
mode for single
clock product
ILVD
VCC
Current consumption for
low voltage detection
circuit only
⎯
38
50
µA
ICSV
At oscillating 100 kHz
current consumption of
internal CR oscillator
⎯
20
36
µA
IA
AVcc
VCC
= 5.5 V
FCH
= 16 MHz
At operating of A/D
conversion
⎯
2.4
4.7
mA
IAH
VCC
= 5.5 V
FCH
= 16 MHz
At stopping A/D
conversion
TA
= + 25 °C
⎯
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com