Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F482PF Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB90F482PF
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PF Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB90F482PF Datasheet HTML 8Page - fujitsu semiconductor MB90F482PF Datasheet HTML 9Page - fujitsu semiconductor MB90F482PF Datasheet HTML 10Page - fujitsu semiconductor MB90F482PF Datasheet HTML 11Page - fujitsu semiconductor MB90F482PF Datasheet HTML 12Page - fujitsu semiconductor MB90F482PF Datasheet HTML 13Page - fujitsu semiconductor MB90F482PF Datasheet HTML 14Page - fujitsu semiconductor MB90F482PF Datasheet HTML 15Page - fujitsu semiconductor MB90F482PF Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
MB90480/485 Series
12
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
32
30
P75
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P75
G
(CMOS/H)
MB90485
series
This is a general purpose I/O port.
PWC2*4
This is a PWC input pin.
33
31
P76
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P76
I
(NMOS/H)
MB90485
series
This is a general purpose I/O port.
SCL*4
Serves as the I2C interface data I/O pin. During opera-
tion of the I2C interface, leave the port output in a high
impedance state.
34
32
P77
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P77
I
(NMOS/H)
MB90485
series
This is a general purpose I/O port.
SDA*4
Serves as the I2C interface data I/O pin. During opera-
tion of the I2C interface, leave the port output in a high
impedance state.
47, 48
45, 46
P80, P81
E
(CMOS/H)
These are general purpose I/O ports.
IRQ0, IRQ1
External interrupt input pins.
52 to 57 50 to 55
P82 to P87
E
(CMOS/H)
These are general purpose I/O ports.
IRQ2 to IRQ7
External interrupt input pins.
58
56
P90
E
(CMOS/H)
This is a general purpose I/O port.
SIN1
Extended I/O serial interface data input pin.
CS0
Chip select 0.
59
57
P91
D
(CMOS)
This is a general purpose I/O port.
SOT1
Extended I/O serial interface data output pin.
CS1
Chip select 1.
60
58
P92
E
(CMOS/H)
This is a general purpose I/O port.
SCK1
Extended I/O serial interface clock input/output pin.
CS2
Chip select 2.
61
59
P93
E
(CMOS/H)
This is a general purpose I/O port.
FRCK
When the free run timer is in use, this pin functions as the external
clock input pin.
ADTG
When the A/D converter is in use, this pin functions as the external
trigger input pin.
CS3
Chip select 3.
62
60
P94
D
(CMOS)
This is a general purpose I/O port.
PPG4
PPG timer output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com