Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F883AS Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB90F883AS
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F883AS Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB90F883AS Datasheet HTML 45Page - fujitsu semiconductor MB90F883AS Datasheet HTML 46Page - fujitsu semiconductor MB90F883AS Datasheet HTML 47Page - fujitsu semiconductor MB90F883AS Datasheet HTML 48Page - fujitsu semiconductor MB90F883AS Datasheet HTML 49Page - fujitsu semiconductor MB90F883AS Datasheet HTML 50Page - fujitsu semiconductor MB90F883AS Datasheet HTML 51Page - fujitsu semiconductor MB90F883AS Datasheet HTML 52Page - fujitsu semiconductor MB90F883AS Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
MB90880 Series
49
3.6
2.7
3.0
4
1.5
16
33
16
12
25
8
4
3 4
8
12.5
16
25
20
32
50
20
6
1.5
9
18
24
5 6
10
40
33
Normal operating range
Internal clock fCP (MHz) *4
Internal operating clock frequency vs. Supply voltage
PLL warranted operating range
Source oscillator frequency vs. Internal operating clock frequency
Source oscillator clock FCH (MHz)
• PLL warranted operating range
Notes:
• Use the fCP at 4 MHz or higher only for PLL1 multiplication.
• For A/D operating frequencies, refer to “5. A/D Converter electrical characteristics”.
*1 :
When using the internal clock at “20 MHz
< fCP ≤ 25 MHz” in PLL1, 2, 3 or 4 multiplication setting, set both of
the DIV2 and PLL2 bits to “1” in the PLLOS register.
Example :
When the source oscillator frequency is 24 MHz in PLL1 multiplication :
CKSCR register : CS1
= “0”, CS0 = “0”
PLLOS register : DIV2
= “1”, PLL2 = “1”
Example :
When the source oscillator frequency is 6 MHz in PLL3 multiplication :
CKSCR register : CS1
= “1”, CS0 = “0”
PLLOS register : DIV2
= “1”, PLL2 = “1”
*2 :
When using the internal clock at “20 MHz
< fCP ≤ 25 MHz” in PLL 2 or 4 multiplication setting, the following
settings can also be used.
PLL2 multiplication : CKSCR register : CS1
= “0”, CS0 = “0”
PLLOS register : DIV2
= “0”, PLL2 = “1”
PLL4 multiplication CKSCR register : CS1
= “0”, CS0 = “1”
PLLOS register : DIV2
= “0”, PLL2 = “1”
*3 :
When using the PLL6 or 8 multiplication setting, set DIV2 to “0” and PLL2 to “1” in the PLLOS register.
Example :
When the source oscillator frequency is 4 MHz in PLL6 multiplication :
CKSCR register : CS1
= “1”, CS0 = “0”
PLLOS register : DIV2
= “0”, PLL2 = “1”
Example :
When the source oscillator frequency is 3 MHz in PLL8 multiplication :
CKSCR register : CS1
= “1”, CS0 = “1”
PLLOS register : DIV2
= “0”, PLL2 = “1”
*4 :
The maximum operating frequency of MB90F883(S) and MB90F884(S) is 25 MHz.
8 Multi-
plication*3
No multiplication
6 Multi-
plica-
tion*3
3 Multi-
plication*1
4 Multi-
plica-
tion
*1, *2
2 Multi-
plication*1, *2
1 Multiplication*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com