Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F883ASPF Datasheet(PDF) 69 Page - fujitsu semiconductor

Part # MB90F883ASPF
Description  16-Bit Proprietary Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F883ASPF Datasheet(HTML) 69 Page - fujitsu semiconductor

Back Button MB90F883ASPF Datasheet HTML 65Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 66Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 67Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 68Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 69Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 70Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 71Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 72Page - fujitsu semiconductor MB90F883ASPF Datasheet HTML 73Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
MB90880 Series
69
6.
Definition of A/D Converter Terms
(Continued)
Resolution
: Analog variation that is recognized by an A/D converter.
Non linearity
error
: Deviation between a line across zero-transition line ( “00 0000 0000”
← → “00 0000 0001” )
and full-scale transition line ( “11 1111 1110”
← → “11 1111 1111” ) and actual conversion
characteristics.
Differential
linearity error
: Deviation of input voltage, which is required for changing output code by 1 LSB, from an ideal
value.
Total error
: Difference between an actual value and a theoretical value. A total error includes zero tran-
sition error, full-scale transition error, and linear error.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS
AVRH
VNT
1.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
characteristics
(Actual measurement value)
Ideal characteristics
Actual conversion
characteristics
Total error
Total error of digital output “N”
=
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
[LSB]
1 LSB (Ideal value)
=
AVRH
− AVSS
1024
[V]
VOT (Ideal value)
= AVSS + 0.5 LSB [V]
VFST (Ideal value)
= AVRH − 1.5 LSB [V]
VNT : A voltage at which digital output transits from (N
− 1) H, NH.
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com