Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KXHOD Datasheet(PDF) 39 Page - Motorola, Inc

Part # M68ICS08KXHOD
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KXHOD Datasheet(HTML) 39 Page - Motorola, Inc

Back Button M68ICS08KXHOD Datasheet HTML 35Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 36Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 37Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 38Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 39Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 40Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 41Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 42Page - Motorola, Inc M68ICS08KXHOD Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
Support Information
KXICS Connector Signal Definitions
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Support Information
39
3.5.3 Target MONO8 Interface Connector J3
The MONO8 interface connector, J3 (Table 2-6), is used when the MCU is
mounted on the target. Refer to Section 4 Using the MONO8 for detailed
information.
Table 3-3 J3 MONO8 Target Connector Pin Assignments
Pin
No.
Schematic
NET
Direction
Signal Description
1
RST_OUT*
Out
To reset target
2Common
3
RST_IN*
In
From target to reset MCU and Ripple Counters
4
RST*
Out
Forced reset to target
5
TGT_IRQ*
In
Target Interrupt request to MCU
6
IRQ*
Out
Interrupt Request
7
TGT_PTA0
Bidirectional
Port A I/O - bit 0
8
PTA0
Bidirectional
Port A I/O - bit 0
9
TGT_PTA1
Bidirectional
Port A I/O - bit 1
10
PTB1
Bidirectional
Port B I/O - bit 1
11
TGT_PTB0
Bidirectional
Port B I/O - bit 0
12
PTB0
Bidirectional
Port B I/O - bit 0
13
TGT_PTB1
Bidirectional
Port B I/O - bit 1
14
PTB1
Bidirectional
Port B I/O - bit 1
15
No connect
16
No connect
3.5.4 Power Connector
Power connector, J2, (Table 3-4) is used to connect to a source power supply for the KXICS.
Table 3-4 Power Connector J2 Pin Assignments
Pin
No.
Mnemonic
Signal
1VCC
+5 VDC POWER — Input voltage (+5 Vdc @ 1.0 A) from the provided
power supply used by the KXICS logic circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com