Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V52X2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89V52X2
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2 Datasheet(HTML) 2 Page - NXP Semiconductors

  P89V52X2 Datasheet HTML 1Page - NXP Semiconductors P89V52X2 Datasheet HTML 2Page - NXP Semiconductors P89V52X2 Datasheet HTML 3Page - NXP Semiconductors P89V52X2 Datasheet HTML 4Page - NXP Semiconductors P89V52X2 Datasheet HTML 5Page - NXP Semiconductors P89V52X2 Datasheet HTML 6Page - NXP Semiconductors P89V52X2 Datasheet HTML 7Page - NXP Semiconductors P89V52X2 Datasheet HTML 8Page - NXP Semiconductors P89V52X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
2 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
3.
Ordering information
4.
Block diagram
Table 1.
Ordering information
Type number
Package
Version
Name
Description
P89V52X2FN
DIP40
plastic dual in-line package; 40 leads (600 mil) SOT129-1
P89V52X2FBD
LQFP44
plastic low profile quad flat package; 44 leads;
body 10
× 10 × 1.4 mm
SOT389-1
P89V52X2FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
Fig 1.
Block diagram
HIGH PERFORMANCE 80C51 CPU
8 kB
CODE FLASH
256 B
DATA RAM
OSCILLATOR
internal
bus
CRYSTAL
OR
RESONATOR
002aac565
UART
PORT 2
PORT 0
PORT 1
TIMER 2
TIMER 0
TIMER 1
X1
X2
PORT 3
P3[7:0]
P2[7:0]
P1[7:0]
P0[7:0]
TXD
RXD
T0
T1
T2
T2EX
P89V52X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com