Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC3202DMF Datasheet(PDF) 8 Page - ADDtek Corp

Part # AMC3202DMF
Description  1.5A 280kHz BOOST REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC3202DMF Datasheet(HTML) 8 Page - ADDtek Corp

Back Button AMC3202DMF Datasheet HTML 3Page - ADDtek Corp AMC3202DMF Datasheet HTML 4Page - ADDtek Corp AMC3202DMF Datasheet HTML 5Page - ADDtek Corp AMC3202DMF Datasheet HTML 6Page - ADDtek Corp AMC3202DMF Datasheet HTML 7Page - ADDtek Corp AMC3202DMF Datasheet HTML 8Page - ADDtek Corp AMC3202DMF Datasheet HTML 9Page - ADDtek Corp AMC3202DMF Datasheet HTML 10Page - ADDtek Corp AMC3202DMF Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AMC3202
Copyright
© 2006 ADDtek Corp.
8
DD074_B -- AUGUST 2006
APPLICATION INFORMATION
Operation:
The AMC3202 incorporates a current mode control scheme, in which the duty cycle of the switch is directly
controlled by switch current rather than by output voltage. The output of the oscillator turns on the power switch at a
frequency of 280kHz as shown in the block diagram. The power switch is turned off by the output of the PWM
comparator.
A TTL low voltage will shut down the chip and high voltage enable the chip through EN pin. This pin may also be
used to synchronize the part to nearly twice the base oscillator frequency. In order to synchronize to a higher frequency,
a positive transition turns on the power switch before the output of the oscillator goes high, thereby resetting the
oscillator. The synchronization operation allows multiple power supplies to operate at the same frequency. If
synchronization is not used, this pin should be either tied high or left floating for normal operation.
Component Selection:
A M C 320 2
VC C
FB
D F
L
VSW
2.7V DC~30V DC
C OUT
C IN
R 2
R 1
V IN
V OUT
22u F
20 0pF
1 0uF
0.1 uF
5K
22 uH
A GND
PG N D
EN
CO M P
R P
C P2
Ena b le
C P1
C SS
D SS
SS
The AMC3202 develops a 1.276V reference from the FB pin to ground. Output voltage is set by connecting the
FB pin to an output resistor divider and the maximum output voltage is determined by the VSW pin maximum voltage
minus the output diode forward voltage. Referring to typical application circuit, the output voltage is set by the below
formula (1):
⎟
⎠
⎞
⎜
⎝
⎛ +
=
1
2
1
276
.
1
R
R
V
V
OUT
2.7V≦VOUT≦43V-VF
(1)
where, VF is the output diode DF forward voltage.
When choosing the inductor, one must consider factors such as peak current, core and ferrite material, output
voltage ripple, EMI, temperature range, physical size, and cost. Lower values are chosen to reduce physical size of the
inductor, and higher values reduce ripple voltage and core loss. In continuous conduction mode, the peak inductor
current is equal to average current plus half of the ripple current, which should not cause inductor saturation. Based on
the tolerance of the ripple current in the circuits, the following formula (2) can be referenced:
()
OUT
IN
OUT
IN
Ripple
fLV
V
V
V
I
−
=
where, f = 280kHz.
(2)
In Boost circuits, the inductor becomes part of the input filter. In continuous mode, the input current waveform is
triangular and does not contain a large pulsed current. This reduces the requirements imposed on the input capacitor
selection. Capacitors in the range of 10uF to 100uF with an ESR less than 0.3Ω work well up to full 1.5A switch
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com