Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7150 Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC7150
Description  1.5A Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150 Datasheet(HTML) 5 Page - ADDtek Corp

  AMC7150 Datasheet HTML 1Page - ADDtek Corp AMC7150 Datasheet HTML 2Page - ADDtek Corp AMC7150 Datasheet HTML 3Page - ADDtek Corp AMC7150 Datasheet HTML 4Page - ADDtek Corp AMC7150 Datasheet HTML 5Page - ADDtek Corp AMC7150 Datasheet HTML 6Page - ADDtek Corp AMC7150 Datasheet HTML 7Page - ADDtek Corp AMC7150 Datasheet HTML 8Page - ADDtek Corp AMC7150 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AMC7150
Copyright
© 2006, ADDtek Corp.
DA011 - September 1, 2006
http://www.addmtek.com
2.2. VIN=12VDC for 2pcs of Power LED in Series:
A. Circuit Diagram:
B. Bill of Material:
Component
Value
Package
AMC7150
-
TO-252-5L
CIN
47uF / 16V
E. C. Cap.
CT
680~820pF
DIP / SMD 0603
RSENSE
0.83Ω
DIP / SMD 1206
DF
1N5819
DO-41 (Axial Lead)
L
220μH
-
2-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com