Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC2444DMF Datasheet(PDF) 9 Page - ADDtek Corp

Part # AMC2444DMF
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2444DMF Datasheet(HTML) 9 Page - ADDtek Corp

Back Button AMC2444DMF Datasheet HTML 3Page - ADDtek Corp AMC2444DMF Datasheet HTML 4Page - ADDtek Corp AMC2444DMF Datasheet HTML 5Page - ADDtek Corp AMC2444DMF Datasheet HTML 6Page - ADDtek Corp AMC2444DMF Datasheet HTML 7Page - ADDtek Corp AMC2444DMF Datasheet HTML 8Page - ADDtek Corp AMC2444DMF Datasheet HTML 9Page - ADDtek Corp AMC2444DMF Datasheet HTML 10Page - ADDtek Corp AMC2444DMF Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
9
DD006_E -- JUNE 2006
PACKAGE
8-Pin Plastic DIP
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.355 0.365 0.400
9.02
9.27
10.16
B
0.240 0.250 0.280
6.10
6.35
7.11
C
-
-
0.210
-
-
5.33
D
-
0.018
-
-
0.46
-
F
-
0.060
-
-
1.52
-
G
-
0.100
-
-
2.54
-
H
0.050
-
0.090
1.27
-
2.29
J
0.008
-
0.015
0.20
-
0.38
K
0.115 0.130 0.150
2.92
3.30
3.81
L
0.300 BSC.
7.62 BSC.
1
B
5
4
8
C
K
F
H
G
D
A
L
M
J
M
-
7º
15º
-
7º
15º
14-Pin Plastic DIP
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.730
-
0.810 18.54
-
20.57
B
0.240
-
0.260
6.09
-
6.60
C
-
-
0.200
-
-
5.08
D
0.015
-
0.020
0.38
-
0.51
F
0.03
-
0.060
0.76
-
1.52
G
0.100 BSC
2.54 BSC
H
0.050
-
0.090
1.27
-
2.28
J
0.008
-
0.015
0.20
-
0.38
K
0.125
-
-
3.18
-
-
L
0.300 BSC
7.62 BSC
M-
-
15
°
-
-
15
°
14
1
A
H
L
D
F
G
K
8
7
B
C
J
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com