Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7150 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7150
Description  1.5A POWER LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7150 Datasheet HTML 1Page - ADDtek Corp AMC7150 Datasheet HTML 2Page - ADDtek Corp AMC7150 Datasheet HTML 3Page - ADDtek Corp AMC7150 Datasheet HTML 4Page - ADDtek Corp AMC7150 Datasheet HTML 5Page - ADDtek Corp AMC7150 Datasheet HTML 6Page - ADDtek Corp AMC7150 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMC7150
Copyright
© 2006 ADDtek Corp.
2
DD034_A
--
JUNE 2006
POWER DISSIPATION TABLE
Package
θ
JA
(
OC W )
Derating factor ( mW/
OC )
TA≧25
OC
TA≦25
OC
Power rating (mW)
TA=70
OC
Power rating (mW)
TA= 85
OC
Power rating (mW)
DL
80
12.5
1560
1000
812
DLF
80
12.5
1560
1000
812
Note :
Junction Temperature Calculation:
T
J = T
A + (PD x θJA).
P
D: Power Dissipation, T
A: Ambient temperature, θJA: Thermal Resistance-Junction to Ambient
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
BLOCK DIAGRAM
AMC7150
CS
OUT
OSC
VCC
GND
Rsense
CT
CIN
DF
L
4V~40V
OSC
330mV
CONTROL
DRIVER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com