Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7635-2.5 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7635-2.5
Description  300mA CMOS LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635-2.5 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7635-2.5 Datasheet HTML 1Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 2Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 3Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 4Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 5Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 6Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 7Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 8Page - ADDtek Corp AMC7635-2.5 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMC7635
Copyright
© 2007 ADDtek Corp.
2
DD078_A
-- SEPTEMBER 2007
BLOCK DIAGRAM
Thermal
Shutdown
3
1
4
2
5
BP
EN
VIN
VOUT
GND
VREF
Over Current
Shutdown
+
-
AMP
R1
R2
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage, VIN
7V
Operating Junction Temperature Range, TJ
0
°
C to 150
°
C
Storage Temperature Range, TSTG
-65
°
C to 150
°
C
Lead Temperature (soldering, 10 seconds)
260
°
C
Note: Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
POWER DISSIPATION TABLE
DB PACKAGE:
Thermal Resistance from Junction to Ambient, θJA
220
/W
℃
Junction Temperature Calculation:
TJ = TA + (PD ×θJA).
The θJA numbers are guidelines for the thermal performance of the device/pc-board system. Connect the ground pin to ground
using a large pad or ground plane for better heat dissipation. All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
VOUT +∆V
6
V
Load Current (with adequate heat-sinking)
I
O
5
mA
Junction temperature
TJ
125
OC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com