Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7635-2.8 Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC7635-2.8
Description  300mA CMOS LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635-2.8 Datasheet(HTML) 5 Page - ADDtek Corp

  AMC7635-2.8 Datasheet HTML 1Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 2Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 3Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 4Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 5Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 6Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 7Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 8Page - ADDtek Corp AMC7635-2.8 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMC7635
Copyright
© 2007 ADDtek Corp.
5
DD078_A
-- SEPTEMBER 2007
Ground Pin Current vs. Tem perature
50
52.5
55
57.5
60
62.5
-45
-20
5
305580
Temperature(℃ )
Ground Current vs. Input Voltage
0.00
15.00
30.00
45.00
60.00
75.00
90.00
0.0
1.4
2.8
4.2
5.6
7.0
Input Voltage(V)
25℃
85℃
Drop Out Voltage vs. Load Current
0.0
100.0
200.0
300.0
400.0
500.0
600.0
0
50
100
150
200
250
300
Load Current(mA)
VOUT=1.5V
VOUT=1.8V
VOUT=2.0V
VOUT=2.5V , VOUT=3.1V,
VOUT=2.8V , VOUT=3.3V,
VOUT=3.0
Sofe Operating Area
0
100
200
300
400
01
23
45
67
Input-Output Voltage Dif f erential (V)
TA=25℃
TA=70℃
Dropout Voltage vs. Tem perature
200
250
300
350
400
-45
-20
5
30
55
80
Temperature(℃ )
V
OUT = 3.3V
I
OUT = 300mA
Drop Out Voltage vs. Output Voltage
0.0
100.0
200.0
300.0
400.0
500.0
600.0
1.5
1.8
2.0
2.5
2.8
3.0
3.1
3.3
Output Voltage(V)
Io=200mA
Io=100mA
Io=300mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com