Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN2222SF Datasheet(PDF) 2 Page - AUK corp

Part # STN2222SF
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STN2222SF Datasheet(HTML) 2 Page - AUK corp

  STN2222SF Datasheet HTML 1Page - AUK corp STN2222SF Datasheet HTML 2Page - AUK corp STN2222SF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2070-000
2
STN2222SF
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5V
Collector current
IC
600
mA
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : Package mounted on 99.5% Alumina 10
×8×0.1
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=10µA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=10mA, IB=0
30
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=10µA, IC=0
5
-
-
V
Collector cut-off current
I
CBO
V
CB=60V, IE=0
-
-
10
nA
DC current gain
h
FE
V
CE=10V, IC=10mA
75
-
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=150mA, IB=15mA
-
0.4
V
Transition frequency
f
T
V
CE=20V, IC=20mA
250
-
-
MHz
Collector output capacitance
C
ob
V
CB=10V, IE=0, f=1MHz
-
6.0
-
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com