Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS470PLF111 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS470PLF111
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470PLF111 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS470PLF111 Datasheet HTML 45Page - Texas Instruments TMS470PLF111 Datasheet HTML 46Page - Texas Instruments TMS470PLF111 Datasheet HTML 47Page - Texas Instruments TMS470PLF111 Datasheet HTML 48Page - Texas Instruments TMS470PLF111 Datasheet HTML 49Page - Texas Instruments TMS470PLF111 Datasheet HTML 50Page - Texas Instruments TMS470PLF111 Datasheet HTML 51Page - Texas Instruments TMS470PLF111 Datasheet HTML 52Page - Texas Instruments TMS470PLF111 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
TMS470PLF111
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS113 – OCTOBER 2006
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
SPIn slave mode timing parameters
SPIn slave mode external timing parameters (CLOCK PHASE = 0, SPInCLK = input, SPInSIMO =
input, and SPInSOMI = output)(1)(2)(3)(4)(see Figure 19)
1 The MASTER bit is cleared and the CLOCK PHASE bit is cleared.
2 If the SPI is in slave mode, the following must be true: tc(SPC)S ≥ (PS + 1) tc(VCLK), where PS = prescale value.
3 For rise and fall timings, see the "switching characteristics for output timings versus load capacitance" table.
4 tc(VCLK) = interface clock cycle time = 1/f(VCLK)
5 When the SPIn is in Slave mode, the following must be true:
For PS values from 1 to 255:tc(SPC)S ≥ (PS +1)tc(VCLK) ≥ 100 ns, where PS is the prescale value.
For PS values of 0:tc(SPC)S = 2tc(VCLK) ≥ 100 ns.
6 The active edge of the SPInCLK signal referenced is controlled by the CLOCK POLARITY bit.
NO
MIN
MAX
UNIT
1
tc(SPC)S
Cycle time, SPInCLK(5)
100
256tc(VCLK)
ns
2(6)
tw(SPCH)S
Pulse duration, SPInCLK high (clock polarity = 0)
0.5tc(SPC)S – 0.25tc(VCLK)
0.5tc(SPC)S + 0.25tc(VCLK)
tw(SPCL)S
Pulse duration, SPInCLK low (clock polarity = 1)
0.5tc(SPC)S – 0.25tc(VCLK) 0.5tc(SPC)S + 0.25tc(VCLK)
3(6)
tw(SPCL)S
Pulse duration, SPInCLK low (clock polarity = 0)
0.5tc(SPC)S – 0.25tc(VCLK)
0.5tc(SPC)S + 0.25tc(VCLK)
tw(SPCH)S
Pulse duration, SPInCLK high (clock polarity = 1)
0.5tc(SPC)S – 0.25tc(VCLK) 0.5tc(SPC)S + 0.25tc(VCLK)
4(6)
td(SPCH-SOMI)S
Delay time, SPInCLK high to SPInSOMI valid (clock
polarity = 0)
0.5tc(VCLK)
1.5tc(VCLK)
td(SPCL-SOMI)S
Delay time, SPInCLK low to SPInSOMI valid (clock
polarity = 1)
0.5tc(VCLK)
1.5tc(VCLK)
5(6)
tv(SPCH-SOMI)S
Valid time, SPInSOMI data valid after SPInCLK high
(clock polarity = 0)
tc(SPC)S–1.5tc(VCLK)-tf
tv(SPCL-SOMI)S
Valid time, SPInSOMI data valid after SPInCLK low (clock
polarity = 1)
tc(SPC)S–1.5tc(VCLK)-tr
6(6)
tsu(SIMO-SPCL)S
Setup time, SPInSIMO before SPInCLK low (clock
polarity = 0)
6
tsu(SIMO-SPCH)S
Setup time, SPInSIMO before SPInCLK high (clock
polarity = 1)
6
7(6)
tv(SPCL-SIMO)S
Valid time, SPInSIMO data valid after SPInCLK low (clock
polarity = 0)
6
tv(SPCH-SIMO)S
Valid time, SPInSIMO data valid after SPInCLK high
(clock polarity = 1)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com