Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1630-E/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP1630-E/MS
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630-E/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP1630-E/MS Datasheet HTML 22Page - Microchip Technology MCP1630-E/MS Datasheet HTML 23Page - Microchip Technology MCP1630-E/MS Datasheet HTML 24Page - Microchip Technology MCP1630-E/MS Datasheet HTML 25Page - Microchip Technology MCP1630-E/MS Datasheet HTML 26Page - Microchip Technology MCP1630-E/MS Datasheet HTML 27Page - Microchip Technology MCP1630-E/MS Datasheet HTML 28Page - Microchip Technology MCP1630-E/MS Datasheet HTML 29Page - Microchip Technology MCP1630-E/MS Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2004-2022 Microchip Technology Inc. and its subsidiaries
DS20001896D-page 27
MCP1630/MCP1630V
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1630:
High-Speed, Microcontroller-Adaptable, PWM
MCP1630V: High-Speed, Microcontroller-Adaptable, PWM
Tape and Reel
Option:
(Blank)
T
= Standard packaging (tube or tray)
= Tape and Reel(1)
Temperature Range: E
= -40°C to +125°C
Package:
MC*
MS
= Dual Flat, No Lead (2x3mm Body), 8-lead
= Plastic MSOP, 8-lead
*
For DFN samples, contact your Microchip Sales
Office for availability.
Qualification:
(Blank)
VAO
= Standard Part
= Automotive AEC-Q100 Qualified
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP1630-E/MS:
Extended Temperature,
8LD MSOP package.
b) MCP1630T-E/MS:
Tape and Reel,
Extended Temperature,
8LD MSOP package.
c) MCP1630-E/MC:
Extended Temperature,
8LD DFN package.
d) MCP1630V-E/MS:
Extended Temperature,
8LD MSOP package.
e) MCP1630VT-E/MS:
Tape and Reel,
Extended Temperature,
8LD MSOP package.
f) MCP1630V-E/MC:
Extended Temperature,
8LD DFN package.
g) MCP1630-E/MSVAO:
Extended Temperature,
8LD
MSOP
package,
Automotive
AEQ-Q100
Qualified.
h) MCP1630T-E/MSVAO: Tape and Reel,
Extended Temperature,
8LD
MSOP
package.
Automotive
AEQ-Q100
Qualified.
i) MCP1630VT-E/MSVAO: Tape and Reel,
Extended Temperature,
8LD
MSOP
package.
Automotive
AEQ-Q100
Qualified.
XXX
Qualification
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
[T](1)
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com