Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2122-E/P Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2122-E/P
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2122-E/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2122-E/P Datasheet HTML 14Page - Microchip Technology MCP2122-E/P Datasheet HTML 15Page - Microchip Technology MCP2122-E/P Datasheet HTML 16Page - Microchip Technology MCP2122-E/P Datasheet HTML 17Page - Microchip Technology MCP2122-E/P Datasheet HTML 18Page - Microchip Technology MCP2122-E/P Datasheet HTML 19Page - Microchip Technology MCP2122-E/P Datasheet HTML 20Page - Microchip Technology MCP2122-E/P Datasheet HTML 21Page - Microchip Technology MCP2122-E/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MCP2122
DS20001894D-page 18
 2004-2024 Microchip Technology Inc. and its subsidiaries
DC Characteristics (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
 TA  +125°C (extended)
Operating voltage VDD range as described in DC spec, Section 4.1 “DC
Characteristics”.
Param
No.
Sym
Characteristic
Min
Typ (1)
Max
Units
Conditions
VIL
Input Low-Voltage
Input pins
D031
TX, RXIR
Vss
—
0.2 VDD
V
D032
RESET
Vss
—
0.2 VDD
V
D033
16XCLK
Vss
—
0.2 VDD
V
VIH
Input High-Voltage
Input pins
—
D041
TX, RXIR
0.8 VDD
—VDD
V
D042
RESET
0.8 VDD
—VDD
V
D043
16XCLK
0.8 VDD
—VDD
V
IIL
Input Leakage
Current (2, 3)
D060A
TX and 16XCLK
—
—
±1
µA
VSS
VPIN VDD,
Pin at high-impedance
D061
RESET
——
±1
µA
VSS
VPIN VDD
D060B
IIH
RXIR
—
—
±1
µA
VDD = 5.5V, VRXIR = VDD
Note 1: Data in the Typical (“Typ”) column is based on characterization results at +25
C. This data is for design
guidance only and is not tested.
2: The leakage current on the RESET pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com