Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS69-09P6FILM Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAS69-09P6FILM
Description  Low capacitance small signal Schottky diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS69-09P6FILM Datasheet(HTML) 6 Page - STMicroelectronics

  BAS69-09P6FILM Datasheet HTML 1Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 2Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 3Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 4Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 5Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 6Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 7Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 8Page - STMicroelectronics BAS69-09P6FILM Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
BAS69 Series
6/9
Figure 10.
SOT-323 footprint (dimensions in mm)
Table 6.
SOT-323 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.8
1.1
0.031
0.043
A1
0.0
0.1
0.0
0.004
b
0.25
0.4
0.010
0.016
c
0.1
0.26
0.004
0.010
D
1.8
2.0
2.2
0.071
0.079
0.086
E
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65
0.026
H
1.8
2.1
2.4
0.071
0.083
0.094
L
0.1
0.2
0.3
0.004
0.008
0.012
q
0
30°
0
30°
A1
A
L
H
c
b
E
D
e
θ
0.95
1.0
2.9
0.50
0.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com