Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPM-7886 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7886
Description  TD-SCDMA Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7886 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7886 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Pin Description Table
Package Diagram
Pin Number
Pin Label
Description
Function
1
Vdd1
Supply bias
1st and 2nd stages drain bias, nominally 3.5V
2
RFin
RF input
Signal input, internally grounded through inductor. External
DC block needed if DC voltage present on input trace.
3
N/C
No internal connection
Recommend ground connection on PCB
4
Vctrl
Control voltage
Output level control, nominally 2V
5
Vdd2
Supply bias
Bias circuit supply, > 2.5V; nominally 2.85V.
Does not require a regulated input and can be connected
directly to the battery, if desired.
6Gnd
Ground
7Gnd
Ground
8
RFout
RF output
Signal output, requires external DC block
9Gnd
Ground
10
Vdd3
Supply bias
3rd stage drain bias, nominally 3.5V
AVAGO
ACPM-7886
MLYWWDD
XXXX
Vdd1 (Pin 1)
RFin
N/C (GND)
Vctrl
Vdd2 (Pin 5)
GND
GND
GND (Pin 6)
RFout
Vdd3 (Pin 10)
4mm sq
1.175mm
Bottom View
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com