Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-AD87-RU000 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD87-RU000
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD87-RU000 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AD87-RU000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Intensity Bin Limit Table
Toleranceforeachbinlimitis±1�%
Toleranceforeachbinlimitis±0.�nm
Blue Color Bin Table
�in
Intensity(mcd)at�0mA
Min
Max
M
��0
680
��
680
880
P
880
11�0
Q
11�0
1�00
R
1�00
1900
S
1900
��00
T
��00
3�00
U
3�00
��00
V
��00
��00
W
��00
��00
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
�60.0
�6�.0
0.1��0
0.0�9�
0.1�66
0.0966
0.1818
0.090�
0.13��
0.03��
�6�.0
�68.0
0.13��
0.03��
0.1699
0.106�
0.1�66
0.0966
0.1�91
0.0�9�
3
�68.0
���.0
0.1�91
0.0�9�
0.1616
0.1�09
0.1699
0.106�
0.118�
0.06�1
���.0
��6.0
0.118�
0.06�1
0.1�1�
0.1��3
0.1616
0.1�09
0.1063
0.09��
��6.0
�80.0
0.1063
0.09��
0.139�
0.1��8
0.1�1�
0.1��3
0.0913
0.13��
Green Color Bin Table
Toleranceforeachbinlimitis±0.�nm
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
��0.0
���.0
0.0��3
0.8338
0.18�6
0.6��6
0.16�0
0.6�86
0.1060
0.8�9�
���.0
��8.0
0.1060
0.8�9�
0.�068
0.6�63
0.18�6
0.6��6
0.138�
0.81�8
3
��8.0
�3�.0
0.138�
0.81�8
0.���3
0.63��
0.�068
0.6�63
0.1�0�
0.�96�
�3�.0
�36.0
0.1�0�
0.�96�
0.��69
0.6�13
0.���3
0.63��
0.�003
0.��6�
�36.0
��0.0
0.�003
0.��6�
0.�6�9
0.60�0
0.��69
0.6�13
0.��96
0.���3
Red Color Bin Table
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
6��
63�
0.690�
0.309�
0.69��
0.�888
0.6��6
0.3106
0.�13�
0.�86�
Toleranceforeachbinlimitis±0.�nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com