Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STO-20355315-R-E1 Datasheet(PDF) 1 Page - Eravant

Part # STO-20355315-R-E1
Description  Coaxial VNA Frequency Extender Receiver (Rx) Module, 5 to 13.75 GHz Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-20355315-R-E1 Datasheet(HTML) 1 Page - Eravant

  STO-20355315-R-E1 Datasheet HTML 1Page - Eravant STO-20355315-R-E1 Datasheet HTML 2Page - Eravant STO-20355315-R-E1 Datasheet HTML 3Page - Eravant STO-20355315-R-E1 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STO-20355315-R-E1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/4
Final Rev 1.0
Coaxial VNA Frequency Extender
Receiver (Rx) Module, 5 to 13.75 GHz Input
STO-20355315-R-E1 is a compact coaxial vector network analyzer
(VNA) frequency extender receiver (RX) module that extends lower
frequency VNA signals to 20 to 55 GHz. It is compatible with modern
vector network analyzers such as Rohde & Schwarz ZNA, Anritsu
VectorStar
™, Keysight PNA-X Series, and Copper Mountain CobaltFx.
The VNA needs dual sources to be extended. This frequency extender
can be used to measure one-path transmission (S21 or S12) through
DUT when paired with a compatible transmitter. When Rx module is
paired with Tx/Rx module, the setup can be used to measure reflection
at input of DUT and transmission through DUT. An AC to DC Power
adapter is included. The Eravant calibration kit (STQ-TO-VFVM-U3-
CKIT1) and Wave-Glide
™ Rail System (STQ-TL-RW-S10-M1) are
highly recommended to complete the coaxial VNA test set. VNA
extender is packaged individually in a rugged equipment box with
additional hardware and tools.
Electrical Specifications:
*Measured with compatible Tx/Ref or Tx/Rx module.
Parameter
Minimum
Typical
Maximum
Frequency Range
20 GHz
55 GHz
Test Port Input Power (Damage)
+25 dBm
Dynamic Range* @ 10 Hz BW
100 dB
120 dB
Test Port Match
10 dB
LO Source Input Frequency (RF
±IF)
5 GHz
13.75 GHz
LO Source Input Power
-6 dBm
-3 dBm
0 dBm
IF Frequency Range
10 MHz
1000 MHz
Multiplication Factor
4
Specification Temperature
+20°C
+30°C
Operating Temperature
0°C
+50°C
ECCN
EAR99
FEATURES
•
Dynamic Range of 120 dB
•
AC Power Input: 100 to 240 VAC
APPLICATIONS
•
VNA Frequency Extension
•
OTA Measurements
•
Test Lab Instrumentation
Recommended Pairing
•
Cal Kit: STQ-TO-VFVM-U3-CKIT1
•
Waveguide-Glide
™ Rail System
•
Cable: SCW-SMSM040-F1-A-PM
Recommended Pairing
•
VNA Extender Configuration Guide
•
VNA Extenders and Cal Kits


Similar Part No. - STO-20355315-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-20355315-C-E1 ERAVANT-STO-20355315-C-E1 Datasheet
434Kb / 4P
Coaxial VNA Frequency Extender TX/RX Module, 5 to 13.75 GHz Input
Rev 1.1
STO-20355315-T-E1 ERAVANT-STO-20355315-T-E1 Datasheet
464Kb / 5P
Coaxial VNA Frequency Extender, Transmit (Tx/Ref) Module, 5 to 13.75 GHz Input
Rev 1.0
More results

Similar Description - STO-20355315-R-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
13.75 - 14.5 GHz 0.5W MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
logo
Excelics Semiconductor,...
EID1314A1-5 EXCELICS-EID1314A1-5 Datasheet
122Kb / 4P
13.75-14.50 GHz 5-Watt Internally-Matched Power FET
logo
Transcom, Inc.
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
13.75 - 14.75 GHz 1W MMIC
logo
Toshiba Semiconductor
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
logo
Pasternack Enterprises,...
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com