Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40MAT-I Datasheet(PDF) 13 Page - Microchip Technology

Part # MRF24J40MAT-I
Description  2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40MAT-I Datasheet(HTML) 13 Page - Microchip Technology

Back Button MRF24J40MAT-I Datasheet HTML 9Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 10Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 11Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 12Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 13Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 14Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 15Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 16Page - Microchip Technology MRF24J40MAT-I Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
 2019-2022 Microchip Technology Inc.
DS70000329D-page 13
MRF24J40MA
FIGURE 2-7:
PCB LAYER STACK UP
Top Copper
Ground Plane
Power Plane
Bottom Copper
1/2 oz. Copper
1/2 oz. Copper
1/2 oz. Copper
1/2 oz. Copper
8 mil FR4
12 mil FR4
8 mil FR4
0.032”
+/- 0.005”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com