Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-HD57 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HD57
Description  5 mm Standard Oval Precision Optical Performance Red LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD57 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HD57 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD57 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Device Selection Guide
Color and
Luminous
Luminous
Dominant
Intensity
Intensity
Wavelength
Iv (mcd) at
Iv (mcd) at
Tinting
Part Number
λd (nm) Typ.
20 mA Min.
20 mA Max.
Type
HLMP-HD57-NR0xx
Red 630
680
1900
Red
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength, λd, is derived from the Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for luminous intensity is ± 15%.
Part Numbering System
H L M P - x x x x - x x x x x
Mechanical Options
00: Bulk Packaging
zz: Flexi-bin; Ammo Packs
Color Bin Selections
0: No Color Bin Limitation
Maximum Intensity Bin
0: No Iv Bin Limitation
Minimum Intensity Bin
Refer to Device Selection Guide
Color
D: 630 nm Red
Package
H: 5 mm Oval 40º x 100º
Absolute Maximum Ratings at TA = 25˚C
Parameter
Value
DC Forward Current[1]
50 mA
Peak Pulsed Forward Current []
100 mA
Average Forward Current
30 mA
Power Dissipation
10 mW
Reverse Voltage
5 V (IR = 100 µA)
LED Junction Temperature
130˚C
Operating Temperature Range
–40˚C to +100˚C
Storage Temperature Range
–40˚C to +10˚C
Notes:
1. Derate linearly as shown in Figure 3.
. Duty Factor 30%, Frequency 1 KHz.
Note: Please refer to AB 5337 for complete information about part numbering system.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com