Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-LB11 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LB11
Description  4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB11 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB11 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
Device Selection Guide
Color and Dominant
Luminous Intensity Iv
Luminous Intensity Iv
Tinting
Part Number
Wavelength
λd (nm) Typ.
(mcd) at 20 mA Min.
(mcd) at 20 mA Max.
Type
HLMP-LB11-FJ0xx
Blue 470
110
310
Blue
HLMP-LB11-HJCxx
Blue 470
180
310
Blue
HLMP-LB11-HL0xx
Blue 470
180
520
Blue
HLMP-LB11-JKCxx
Blue 470
240
400
Blue
HLMP-LB11-KN0xx
Blue 470
310
880
Blue
HLMP-LM11-LP0xx
Green 525
400
1150
Green
HLMP-LM11-MNCxx
Green 525
520
880
Green
HLMP-LM11-NR0xx
Green 525
680
1900
Green
HLMP-LM11-PQCxx
Green 525
880
1500
Green
HLMP-LM11-QRCxx
Green 525
1150
1900
Green
HLMP-LM11-QT0xx
Green 525
1150
3200
Green
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the Chromaticity Diagram and represents the color of the lamp.
4. Tolerance for intensity limit is
±15%.
3.70 ± 0.20
(0.146 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.80 ± 0.18
(0.386 ± 0.007)
CATHODE
LEAD
∅
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.00
(0.827)
MIN.
1.00
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE ± 0.1 mm UNLESS OTHERWISE NOTED.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com