Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMK-A101-R4WJ1 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMK-A101-R4WJ1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMK-A101-R4WJ1 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMK-A101-R4WJ1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMK-A101-R4WJ1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
This family of SMT LEDs is packaged in the industry
standard PLCC-2 package. These SMT LEDs have high
reliability performance and are designed to work under
a wide range of environmental conditions. This high
reliability feature makes them ideally suited to be used
under harsh interior automotive as well as interior signs
application conditions.
To facilitate easy pick & place assembly, the LEDs
are packed in EIA-compliant tape and reel. Every reel will
be shipped in single intensity and color bin, except red
color, to provide close uniformity.
These LEDs are compatible with IR solder reflow process.
Due to the high reliability feature of these products, they
can also be mounted using through-the-wave soldering
process.
The super wide viewing angle at 120˚ makes these
LEDs ideally suited for panel, push button, or general
backlighting in automotive interior, office equipment,
industrial equipment, and home appliances. The flat
top emitting surface makes it easy for these LEDs
to mate with light pipes. With the built-in reflector
pushing up the intensity of the light output, these LEDs
are also suitable to be used as LED pixels in interior elec-
tronic signs.
Features
• Industry standard PLCC-2 package
• High reliability LED package
• High brightness using AlInGaP and InGaN dice tech-
nologies
• Available in full selection of colors
• Super wide viewing angle at 120˚
• Available in 8 mm carrier tape on 7 inch reel (2000
pieces)
• Compatible with both IR and TTW soldering process
Applications
• Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Cabin backlighting
• Electronic signs and signals
– Interior full color sign
– Variable message sign
• Office automation, home appliances, industrial
equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting
HSMx-A10x-xxxxx PLCC-2
Surface Mount LED Indicator
Data Sheet
CAUTION: HSMN,M,K and E-A10x-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precau-
tions during handling and processing. Refer to Avago Application Note AN-1142 for additional details.


Similar Part No. - HSMK-A101-R4WJ1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMK-A101-R4WJ1 HP-HSMK-A101-R4WJ1 Datasheet
116Kb / 13P
Surface Mount LED Indicator
HSMK-A101-R4WJ1 HP-HSMK-A101-R4WJ1 Datasheet
152Kb / 14P
Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
More results

Similar Description - HSMK-A101-R4WJ1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
Surface Mount LED Indicator
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
Surface Mount LED Indicator
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
Surface-Mount LED Indicator
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com