Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8583P Datasheet(PDF) 18 Page - SYC Electronica

Part # PCF8583P
Description  Clock/calendar with 240 X 8-bit RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

PCF8583P Datasheet(HTML) 18 Page - SYC Electronica

Back Button PCF8583P Datasheet HTML 14Page - SYC Electronica PCF8583P Datasheet HTML 15Page - SYC Electronica PCF8583P Datasheet HTML 16Page - SYC Electronica PCF8583P Datasheet HTML 17Page - SYC Electronica PCF8583P Datasheet HTML 18Page - SYC Electronica PCF8583P Datasheet HTML 19Page - SYC Electronica PCF8583P Datasheet HTML 20Page - SYC Electronica PCF8583P Datasheet HTML 21Page - SYC Electronica PCF8583P Datasheet HTML 22Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
1997 Jul 15
18
Philips Semiconductors
Product specification
Clock/calendar with 240
× 8-bit RAM
PCF8583
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
11 HANDLING
Inputs and outputs are protected against electrostatic charge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12
under
“Handling MOS Devices”.
12 DC CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS =0V; Tamb = −40 to +85 °C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage (pin 8)
−0.8
+7.0
V
IDD
supply current (pin 8)
−
50
mA
ISS
supply current (pin 4)
−
50
mA
VI
input voltage
−0.8
VDD + 0.8
V
II
DC input current
−
10
mA
IO
DC output current
−
10
mA
Ptot
total power dissipation per package
−
300
mW
PO
power dissipation per output
−
50
mW
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
VDD
supply voltage
(operating mode)
I2C-bus active
2.5
−
6.0
V
I2C-bus inactive
1.0
−
6.0
V
VDDosc
supply voltage
(quartz oscillator)
Tamb = 0 to 70 °C; note 2
1.0
−
6.0
V
IDD
supply current
(operating mode)
fSCL = 100 kHz; clock mode;
note 3
−−
200
µA
IDDO
supply current
(clock mode)
see Fig.20
fSCL = 0 Hz; VDD = 5 V
−
10
50
µA
fSCL = 0 Hz; VDD = 1 V
−
210
µA
IDDR
data retention
fOSCI = 0 Hz; VDD = 1 V
Tamb = −40 to + 85 °C
−−
5
µA
Tamb = −25 to + 70 °C
−−
2
µA
VEN
I2C-bus enable level
note 4
1.5
1.9
2.3
V
SDA
VIL
LOW level input voltage
note 5
−0.8
−
0.3VDD
V
VIH
HIGH level input voltage
note 5
0.7VDD
−
VDD +0.8 V
IOL
LOW level output current
VOL = 0.4 V
3
−−
mA
ILI
input leakage current
VI =VDD or VSS
−1
−
+1
µA
Ci
input capacitance
note 6
−−
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com