Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRB20100CTG Datasheet(PDF) 1 Page - International Rectifier

Part # MBRB20100CTG
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB20100CTG Datasheet(HTML) 1 Page - International Rectifier

  MBRB20100CTG Datasheet HTML 1Page - International Rectifier MBRB20100CTG Datasheet HTML 2Page - International Rectifier MBRB20100CTG Datasheet HTML 3Page - International Rectifier MBRB20100CTG Datasheet HTML 4Page - International Rectifier MBRB20100CTG Datasheet HTML 5Page - International Rectifier MBRB20100CTG Datasheet HTML 6Page - International Rectifier MBRB20100CTG Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
20 Amp
MBRB20...CTG
MBR20...CTG-1
Bulletin PD-20838 rev. B 01/07
1
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
20
A
(Per Device)
I
FRM
@T
C=133°C
20
A
(PerLeg)
V
RRM
80/ 100
V
I
FSM @ tp = 5 μs sine
850
A
V
F
@ 10 Apk, T
J = 125°C
0.70
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
Center tap D2Pak and TO-262 packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Case Styles
MBRB20...CTG
D2PAK
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
IF(AV) = 20 Amp
VR = 80/100V
MBR20...CTG-1
www.irf.com


Similar Part No. - MBRB20100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB20100CTG ONSEMI-MBRB20100CTG Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
logo
Vishay Siliconix
MBRB20100CTG VISHAY-MBRB20100CTG Datasheet
130Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
logo
ON Semiconductor
MBRB20100CTG ONSEMI-MBRB20100CTG Datasheet
133Kb / 4P
SWITCHMODE Power Rectifier
May, 2009 ??Rev. 8
MBRB20100CTG ONSEMI-MBRB20100CTG Datasheet
100Kb / 5P
SWITCHMODE Power Rectifier
August, 2012 ??Rev. 10
logo
Thinki Semiconductor Co...
MBRB20100CTG THINKISEMI-MBRB20100CTG Datasheet
1Mb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Schottky Barrier Rectifiers
More results

Similar Description - MBRB20100CTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST2035 MICROSEMI-FST2035 Datasheet
132Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIER
FST2050 MICROSEMI-FST2050 Datasheet
131Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIER
logo
International Rectifier
MBR20100CTKPBF IRF-MBR20100CTKPBF Datasheet
141Kb / 6P
SCHOTTKY RECTIFIER - 20 Amp
logo
List of Unclassifed Man...
PJ20C40 ETC1-PJ20C40 Datasheet
131Kb / 3P
20 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
20 Amp Schottky ORing Rectifier
logo
International Rectifier
20TQ040 IRF-20TQ040_06 Datasheet
282Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
logo
Microsemi Corporation
FST20180 MICROSEMI-FST20180 Datasheet
145Kb / 2P
20 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
MBR2035CT IRF-MBR2035CT Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
MBRB2080CTPBF IRF-MBRB2080CTPBF Datasheet
256Kb / 7P
SCHOTTKY RECTIFIER 20 Amp
20CTQ035PBF IRF-20CTQ035PBF Datasheet
180Kb / 6P
SCHOTTKY RECTIFIER 20 Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com