Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT070H120G3-7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SCT070H120G3-7
Description  Silicon carbide Power MOSFET 1200 V, 63 mΩ typ., 30 A in an H²PAK-7 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT070H120G3-7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SCT070H120G3-7 Datasheet HTML 5Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 6Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 7Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 8Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 9Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 10Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 11Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 12Page - STMicroelectronics SCT070H120G3-7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Table 8. H²PAK-7 package mechanical data
Dim.
mm
Min.
Max.
A
4.30
4.80
A1
0.03
0.20
C
1.17
1.37
e
2.34
2.74
e1
4.88
5.28
e2
7.42
7.82
E
0.45
0.60
F
0.50
0.70
H
10.00
10.40
H1
7.40
8.00
L
14.75
15.25
L1
1.27
1.40
L2
4.35
4.95
L3
6.85
7.25
M
1.90
2.50
R
0.20
0.60
V
0°
8°
Figure 17. H²PAK-7 recommended footprint
footprint_DM00249216_5
Note:
Dimensions are in mm.
SCT070H120G3-7
H²PAK-7 package information
DS14386 - Rev 1
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com